Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3203 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AX3203
Description  150KHz, 5A PWM Buck DC/DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX3203 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AX3203 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page No. : 4/7
AVANTICS - AX3203 Series
Specification No.: 050310-FE0010
Characteristics Curve
Normalized Output Voltage
-1.5
-1
-0.5
0
0.5
1
1.5
0
25
50
75
100
125
150
175
Junction Temperature (
oC)
VIN=12V
ILOAD=200mA
Shutdown Quiescent Current
0
20
40
60
80
100
120
140
160
0
1020
3040
Supply Voltage (V)
VON/VOFF=5V
TJ=25
oC
Switch Current Limit
7.20
7.30
7.40
7.50
7.60
7.70
7.80
7.90
8.00
0
25
50
75
100
125
150
Junction Temperature (
oC)
VIN=12V
VOUT=5V
Switch Saturation Voltage
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
0
1
23
45
Switch Current (A)
VIN=12V
TJ=25
oC
On/Off Pin Current (Sinking)
0
2
4
6
8
10
12
0
5
10
15
20
25
30
Supply Voltage (V)
VIN=40V
TJ=25
oC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com