Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3203 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX3203
Description  150KHz, 5A PWM Buck DC/DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX3203 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX3203 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page No. : 1/7
AVANTICS - AX3203 Series
Specification No.: 050310-FE0010
AX3203
150KHz, 5A PWM Buck DC/DC Converter
Description
The AX3203 is Monolithic IC that design for a step-down DC/DC Converter, and own
the ability of driving a 5A load without additional transistor component. The output
version included 3.3V, 5V, 12V and an adjustable type. It operates at a switching
frequency of 150KHz thus allowing smaller sized filter components than what would
be needed with lower frequency switching regulators. Other features include a
guaranteed
±4% tolerance on output voltage under specified input voltage and
output load conditions, and
±15% on the oscillator frequency. Regarding protected
function, thermal shutdown is to prevent over temperature operating from damage,
and current limit is against over current operating of the output switch.
Features
• 3.3V, 5V, 12V and adjustable
• Adjustable version output voltage range: 1.3-37V
• ±4% max over line and load conditions
• 150KHz ±15% fixed switching frequency
• TTL shutdown capability
• Operating voltage can be up to 40V
• Output load current: 5A
• TO220-5L and TO263-5L packages
• Low power standby mode
• Thermal-shuntdown and current-limit protection
• High efficiency
• Built-in switching a transistor on chip, requires only 4 external components
Applications
• Simple High-efficiency step-down regulator
• Positive to negative converter
• On-card switching regulators
Connection Diagrams
AX3203 Series
1 2 3
5
4
1 2
4 5
3
Side
View
Top
View
Metal Tab GND
TO220-5L
Pins 1,3,5
Pins 2,4
5 - On/Off
4 - Feed Back
3 - Ground
2 - Output
1 - VIN
Side
View
Top
View
Metal Tab GND
TO263-5L
5 - On/Off
4 - Feed Back
3 - Ground
2 - Output
1 - VIN


Similar Part No. - AX3203

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AX32X0 SEOUL-AX32X0 Datasheet
673Kb / 22P
compliantFeaturesApplications?ъ쭊Acriche series
AX32X0-1A SEOUL-AX32X0-1A Datasheet
316Kb / 16P
Binning and Labeling Connect directly in AC Power Saving Long Life Time
AX32X0-1B SEOUL-AX32X0-1B Datasheet
316Kb / 16P
Binning and Labeling Connect directly in AC Power Saving Long Life Time
AX32X0-1C SEOUL-AX32X0-1C Datasheet
316Kb / 16P
Binning and Labeling Connect directly in AC Power Saving Long Life Time
AX32X0-1D SEOUL-AX32X0-1D Datasheet
316Kb / 16P
Binning and Labeling Connect directly in AC Power Saving Long Life Time
More results

Similar Description - AX3203

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
150Khz, 5A PWM Buck DC/DC Converter
Rev. 0.4 Feb 19, 2004
logo
Unisonic Technologies
P1596 UTC-P1596 Datasheet
223Kb / 8P
150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501A ANACHIP-AP1501A_1 Datasheet
203Kb / 12P
150Khz, 5A PWM Buck DC/DC Converter
Rev.1.2 Aug 23, 2005
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com