Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPG30C200PC Datasheet(PDF) 1 Page - IXYS Corporation

Part # DPG30C200PC
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPG30C200PC Datasheet(HTML) 1 Page - IXYS Corporation

  DPG30C200PC Datasheet HTML 1Page - IXYS Corporation DPG30C200PC Datasheet HTML 2Page - IXYS Corporation DPG30C200PC Datasheet HTML 3Page - IXYS Corporation DPG30C200PC Datasheet HTML 4Page - IXYS Corporation DPG30C200PC Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DPG30C200PC
Low Loss and Soft Recovery
High Performance Fast Recovery Diode
Common Cathode
HiPerFRED²
1
4
3
Part number
DPG30C200PC
Backside: cathode
FAV
rr
tns
35
RRM
15
200
=
V=
V
I=
A
2x
Features / Advantages:
Applications:
Package:
● Planar passivated chips
● Very low leakage current
● Very short recovery time
● Improved thermal behaviour
● Very low Irm-values
● Very soft recovery behaviour
● Avalanche voltage rated for reliable operation
● Soft reverse recovery for low EMI/RFI
● Low Irm reduces:
- Power dissipation within the diode
- Turn-on loss in the commutating switch
● Antiparallel diode for high frequency
switching devices
● Antisaturation diode
● Snubber diode
● Free wheeling diode
● Rectifiers in switch mode power
supplies (SMPS)
● Uninterruptible power supplies (UPS)
TO-263 (D2Pak)
● Industry standard outline
● RoHS compliant
● Epoxy meets UL 94V-0
IXYS reserves the right to change limits, conditions and dimensions.
20131126a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved


Similar Part No. - DPG30C200PC

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DPG30C200PC ISC-DPG30C200PC Datasheet
326Kb / 2P
Fast Recovery Diode
More results

Similar Description - DPG30C200PC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DPG20C300PB IXYS-DPG20C300PB Datasheet
127Kb / 4P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DPG30C300HB IXYS-DPG30C300HB Datasheet
174Kb / 4P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DPG30C200PB IXYS-DPG30C200PB Datasheet
102Kb / 2P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DHG20C600QB IXYS-DHG20C600QB Datasheet
137Kb / 2P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DPG60C400HB IXYS-DPG60C400HB Datasheet
132Kb / 4P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DPG120C300QB IXYS-DPG120C300QB Datasheet
140Kb / 2P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DHG10C600PB IXYS-DHG10C600PB Datasheet
88Kb / 4P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DHG40C600HB IXYS-DHG40C600HB Datasheet
332Kb / 5P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DPG60C200HB IXYS-DPG60C200HB Datasheet
142Kb / 5P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DSEC240-04A IXYS-DSEC240-04A Datasheet
449Kb / 5P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com