Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPG30C200PC Datasheet(PDF) 4 Page - IXYS Corporation

Part # DPG30C200PC
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPG30C200PC Datasheet(HTML) 4 Page - IXYS Corporation

  DPG30C200PC Datasheet HTML 1Page - IXYS Corporation DPG30C200PC Datasheet HTML 2Page - IXYS Corporation DPG30C200PC Datasheet HTML 3Page - IXYS Corporation DPG30C200PC Datasheet HTML 4Page - IXYS Corporation DPG30C200PC Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DPG30C200PC
W
c2
A
A1
c
E
2x e
3
2
1
1.78
(0.07)
2.54 (0.100)
10.92
(0.430)
mm (Inches)
Recommended min. foot print
3x b2
E1
2x b
Supplier
Option
4
minmax
minmax
A
4.06
4.83
0.160
0.190
A1
A2
b
0.51
0.99
0.020
0.039
b2
1.14
1.40
0.045
0.055
c
0.40
0.74
0.016
0.029
c2
1.14
1.40
0.045
0.055
D
8.38
9.40
0.330
0.370
D1
8.00
8.89
0.315
0.350
D2
E
9.65
10.41
0.380
0.410
E1
6.22
8.50
0.245
0.335
e
e1
H
14.61
15.88
0.575
0.625
L
1.78
2.79
0.070
0.110
L1
1.02
1.68
0.040
0.066
W
typ.
0.02
0.040
typ.
0.0008
0.002
Dim.
Millimeter
Inches
typ. 0.10
typ. 0.004
2.41
0.095
0.098
4.28
0.169
All dimensions conform with
and/or within JEDEC standard.
2,54 BSC
0,100 BSC
2.5
1
4
3
Outlines
TO-263 (D2Pak)
IXYS reserves the right to change limits, conditions and dimensions.
20131126a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com