Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPG30C200PC Datasheet(PDF) 2 Page - IXYS Corporation

Part # DPG30C200PC
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPG30C200PC Datasheet(HTML) 2 Page - IXYS Corporation

  DPG30C200PC Datasheet HTML 1Page - IXYS Corporation DPG30C200PC Datasheet HTML 2Page - IXYS Corporation DPG30C200PC Datasheet HTML 3Page - IXYS Corporation DPG30C200PC Datasheet HTML 4Page - IXYS Corporation DPG30C200PC Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DPG30C200PC
ns
3
A
T
VJ =°C
reverse recovery time
A
6.5
35
55
ns
I
RM
max. reverse recovery current
IF =A;
15
25
T= 125°C
VJ
-diF
=A/µs
130
/dt
t
rr
VR =V
130
TVJ =°C
25
T= 125°C
VJ
V
=
V
Symbol
Definition
Ratings
typ.
max.
I
R
V
I
A
V
F
1.26
R
1.7 K/W
R
min.
15
VRSM
V
1
T
= 25°C
VJ
T
=
°C
VJ
mA
0.08
V
=
V
R
T
= 25°C
VJ
I =
A
F
V
T =
°C
C
145
P
tot
90
W
T
= 25°C
C
R
K/W
15
200
max. non-repetitive reverse blocking voltage
reverse current, drain current
forward voltage drop
total power dissipation
Conditions
Unit
1.51
T
= 25°C
VJ
150
V
F0
V
0.69
T
=
°C
VJ
175
rF
18
mΩ
V
1.01
T
=
°C
VJ
I =
A
F
V
15
1.29
I =
A
F
30
I =
A
F
30
threshold voltage
slope resistance
for power loss calculation only
µA
150
VRRM
V
200
max. repetitive reverse blocking voltage
T
= 25°C
VJ
C
J
20
junction capacitance
V =
V
150
T
= 25°C
f = 1 MHz
R
VJ
pF
I
FSM
t = 10 ms; (50 Hz), sine;
T
= 45°C
VJ
max. forward surge current
V = 0 V
R
T
=
°C
VJ
175
240
A
200
FAV
d =
rectangular
0.5
average forward current
thermal resistance junction to case
thJC
thermal resistance case to heatsink
thCH
Fast Diode
200
0.25
IXYS reserves the right to change limits, conditions and dimensions.
20131126a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com