Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1921 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH1921
Description  ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1921 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH1921 Datasheet HTML 1Page - Diodes Incorporated AH1921 Datasheet HTML 2Page - Diodes Incorporated AH1921 Datasheet HTML 3Page - Diodes Incorporated AH1921 Datasheet HTML 4Page - Diodes Incorporated AH1921 Datasheet HTML 5Page - Diodes Incorporated AH1921 Datasheet HTML 6Page - Diodes Incorporated AH1921 Datasheet HTML 7Page - Diodes Incorporated AH1921 Datasheet HTML 8Page - Diodes Incorporated AH1921 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AH1911/AH1921
Document number: DS41109 Rev. 1 - 2
4 of 9
www.diodes.com
September 2018
© Diodes Incorporated
AH1911/AH1921
Magnetic Characteristics (Note 8) (TA = -40°C to +85°C, VDD = 1.6V to 5.5V, unless otherwise specified.)
(1mT=10 Gauss)
Symbol
Characteristics
Test Condition
Min
Typ
Max
Unit
BOPS (South Pole to the Non-Part
Marking Side)
Operation Point
VDD = 1.6V to 5.5V
TA = -40°C to +85°C
30
60
90
Gauss
BOPN (North Pole to the Non-Part
Marking Side)
VDD = 1.6V to 5.5V
TA = -40°C to +85°C
-90
-60
-30
BRPS (South Pole to the Non-Part
Marking Side)
Release Point
VDD = 1.6V to 5.5V
TA = -40°C to +85°C
22
45
67
BRPN (North Pole to the Non- Part
Marking Side)
VDD = 1.6V to 5.5V
TA = -40°C to +85°C
-67
-45
-22
BHY (|BOPX|-|BRPX|)
Hysteresis
—
—
15
—
Notes:
8. Maximum and minimum parameters values over operating temperature range are not tested in production, they are guaranteed by design,
characterization and process control. The magnetic characteristics may vary with supply voltage, operating temperature and after soldering.
BHY
BRPS BOPS
0
Turn off
(Off-state)
(On-state)
( Magnetic Flux Density B )
OUTPUT
BHY
VDD
(Off-state)
Turn on
BOPN BRPN
Turn off
Turn on
(On-state)
VOH
VOH
VOL
VOL = VSAT
Part Mark
N
S
SC59



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com