Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1921 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH1921
Description  ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1921 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH1921 Datasheet HTML 1Page - Diodes Incorporated AH1921 Datasheet HTML 2Page - Diodes Incorporated AH1921 Datasheet HTML 3Page - Diodes Incorporated AH1921 Datasheet HTML 4Page - Diodes Incorporated AH1921 Datasheet HTML 5Page - Diodes Incorporated AH1921 Datasheet HTML 6Page - Diodes Incorporated AH1921 Datasheet HTML 7Page - Diodes Incorporated AH1921 Datasheet HTML 8Page - Diodes Incorporated AH1921 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AH1911/AH1921
Document number: DS41109 Rev. 1 - 2
3 of 9
www.diodes.com
September 2018
© Diodes Incorporated
AH1911/AH1921
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Rating
Unit
VDD
Supply Voltage
Operating
1.6 to 5.5
V
TA
Operating Temperature Range
Operating
-40 to +85
°C
Electrical Characteristics (@TA = +25°C, VDD = 3V, unless otherwise specified.)
AH1911 Push-Pull Output
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
Output Low Voltage (On)
IOUT = 0.1mA
—
0.1
0.2
V
VOH
Output High Voltage (Off)
IOUT = -0.1mA
VDD-0.2
VDD-0.1
—
V
IDD(AWAKE)
Supply Current
TA = +25°C, VDD = 3V
—
1
1.5
mA
TA = -40 to +85°C, VDD =1.6V to 5.5V
—
1
3
mA
IDD(SLEEP)
Supply Current
TA = +25°C, VDD = 3V
—
0.6
1
µA
TA = -40 to +85°C, VDD =1.6V to 5.5V
—
0.6
3
µA
IDD(AVG)
Average Supply Current
TA = +25°C, VDD = 3V
—
1.6
3
µA
TA = -40 to +85°C, VDD =1.6V to 5.5V
—
1.6
9
µA
tAWAKE
Awake Time
(Note 7)
30
45
80
µs
tPERIOD
Period
(Note 7)
30
45
80
ms
D.C.
Duty Cycle
—
—
0.1
—
%
AH1921 Open Drain Output
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT
Output On Voltage
IOUT = 0.1mA
—
0.1
0.2
V
IOFF
Output Leakage Current
VOUT = 5.5V, Output off
—
< 0.1
1
µA
IDD(AWAKE)
Supply Current
TA = +25°C, VDD = 3V
—
1
1.5
mA
TA = -40 to +85°C, VDD =1.6V to 5.5V
—
1
3
mA
IDD(SLEEP)
Supply Current
TA = +25°C, VDD = 3V
—
0.6
1
µA
TA = -40 to +85°C, VDD =1.6V to 5.5V
—
0.6
3
µA
IDD(AVG)
Average Supply Current
TA = +25°C, VDD = 3V
—
1.6
3
µA
TA = -40 to +85°C, VDD =1.6V to 5.5V
—
1.6
9
µA
tAWAKE
Awake Time
(Note 7)
30
45
80
µs
tPERIOD
Period
(Note 7)
30
45
80
ms
D.C.
Duty Cycle
—
—
0.1
—
%
Note:
7. When power is initially turned on, the operating VDD (1.6V to 5.5V) must be applied to guaranteed the output sampling.
The output state is valid after the second operating cycle (typical 90ms).
IDD(SLEEP)
IDD(AWAKE)
tAWAKE
tPERIOD
0
Sample and Output
Latched
tSLEEP
IDD(AVG)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com