Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1921 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH1921
Description  ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1921 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH1921 Datasheet HTML 1Page - Diodes Incorporated AH1921 Datasheet HTML 2Page - Diodes Incorporated AH1921 Datasheet HTML 3Page - Diodes Incorporated AH1921 Datasheet HTML 4Page - Diodes Incorporated AH1921 Datasheet HTML 5Page - Diodes Incorporated AH1921 Datasheet HTML 6Page - Diodes Incorporated AH1921 Datasheet HTML 7Page - Diodes Incorporated AH1921 Datasheet HTML 8Page - Diodes Incorporated AH1921 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AH1911/AH1921
Document number: DS41109 Rev. 1 - 2
2 of 9
www.diodes.com
September 2018
© Diodes Incorporated
AH1911/AH1921
Pin Descriptions
Package: SC59
Pin Number
Pin Name
Function
1
VDD
Power Supply Input
2
OUTPUT
Output Pin
3
GND
Ground Pin
Functional Block Diagram
Latch
and
Output
Driver
Controller
Sleep/Awake Logic
and Power Switch
VDD
Hall
Plate
Amp
OUTPUT
AH1911
GND
VDD
OUTPUT
AH1921
GND
2
3
2
3
1
Absolute Maximum Ratings (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage (Note 6)
6
V
VDD_REV
Reverse Supply Voltage
-0.3
V
IOUTPUT
Output Current (Source and Sink)
1
mA
B
Magnetic Flux Density
Unlimited
PD
Package Power Dissipation
SC59
230
mW
Ts
Storage Temperature Range
-65 to +150
°C
TJ
Maximum Junction Temperature
+150
°C
ESD HBM
Human Body Model (HBM) ESD Capability
6
kV
Notes:
5. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
6. The absolute maximum VDD of 6V is a transient stress rating and is not meant as a functional operating condition. It is not recommended to
operate the device at the absolute maximum rated conditions for any period of time.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com