Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTT76P10THV Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTT76P10THV
Description  P-Channel Enhancement Mode Avalanche Rated
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT76P10THV Datasheet(HTML) 1 Page - IXYS Corporation

  IXTT76P10THV Datasheet HTML 1Page - IXYS Corporation IXTT76P10THV Datasheet HTML 2Page - IXYS Corporation IXTT76P10THV Datasheet HTML 3Page - IXYS Corporation IXTT76P10THV Datasheet HTML 4Page - IXYS Corporation IXTT76P10THV Datasheet HTML 5Page - IXYS Corporation IXTT76P10THV Datasheet HTML 6Page - IXYS Corporation IXTT76P10THV Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
- 100
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
- 100
V
V
GSS
Continuous
15
V
V
GSM
Transient
25
V
I
D25
T
C = 25C
- 76
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
- 230
A
I
A
T
C = 25C
- 38
A
E
AS
T
C = 25C1
J
P
D
T
C = 25C
298
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-220 & TO-247)
1.13 /10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-268HV
4.0
g
TO-247
6.0
g
DS100024C(9/15)
TrenchPTM
Power MOSFET
P-Channel Enhancement Mode
Avalanche Rated
IXTT76P10THV
IXTA76P10T
IXTP76P10T
IXTH76P10T
V
DSS
= - 100V
I
D25
= - 76A
R
DS(on)

25m
Features
International Standard Packages
Avalanche Rated
Extended FBSOA
Fast Intrinsic Diode
Low R
DS(ON) and QG
Advantages
Easy to Mount
Space Savings
Applications
High-Side Switching
Push Pull Amplifiers
DC Choppers
Automatic Test Equipment
Current Regulators
Battery Charger Applications
D
S
G
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-268HV
(IXTT)
G
D (Tab)
S
TO-263 AA
(IXTA)
G
S
D (Tab)
G
D S
TO-220AB
(IXTP)
D (Tab)
TO-247
(IXTH)
G
S
D
D (Tab)
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = - 250A
-100
V
V
GS(th)
V
DS = VGS, ID = - 250A
- 2.0
- 4.0
V
I
GSS
V
GS = 15V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
- 15
A
T
J = 125C
- 750
A
R
DS(on)
V
GS = -10V, ID = 0.5 • ID25, Note 1
25 m


Similar Part No. - IXTT76P10THV

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTT74N20P IXYS-IXTT74N20P Datasheet
175Kb / 5P
PolarHTTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTT75N10 IXYS-IXTT75N10 Datasheet
53Kb / 2P
MegaMOS FET
IXTT75N10L2 IXYS-IXTT75N10L2 Datasheet
145Kb / 5P
N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
IXTT75N15 IXYS-IXTT75N15 Datasheet
589Kb / 5P
High Current Power MOSFET N-Channel Enhancement Mode
More results

Similar Description - IXTT76P10THV

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH26P20P IXYS-IXTH26P20P Datasheet
190Kb / 6P
P-Channel Enhancement Mode Avalanche Rated
IXTA76P10T IXYS-IXTA76P10T Datasheet
222Kb / 2P
P-Channel Enhancement Mode Avalanche Rated
IXTR48P20P IXYS-IXTR48P20P Datasheet
131Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTP36P15P IXYS-IXTP36P15P Datasheet
180Kb / 6P
P-Channel Enhancement Mode Avalanche Rated
IXTR32P60P IXYS-IXTR32P60P Datasheet
123Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTQ52P10P IXYS-IXTQ52P10P Datasheet
187Kb / 6P
P-Channel Enhancement Mode Avalanche Rated
IXTQ14N60P IXYS-IXTQ14N60P Datasheet
166Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTT20P50P IXYS-IXTT20P50P Datasheet
134Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTH48P20P IXYS-IXTH48P20P Datasheet
138Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTN90P20P IXYS-IXTN90P20P Datasheet
126Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com