Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTT76P10THV Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTT76P10THV
Description  P-Channel Enhancement Mode Avalanche Rated
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT76P10THV Datasheet(HTML) 2 Page - IXYS Corporation

  IXTT76P10THV Datasheet HTML 1Page - IXYS Corporation IXTT76P10THV Datasheet HTML 2Page - IXYS Corporation IXTT76P10THV Datasheet HTML 3Page - IXYS Corporation IXTT76P10THV Datasheet HTML 4Page - IXYS Corporation IXTT76P10THV Datasheet HTML 5Page - IXYS Corporation IXTT76P10THV Datasheet HTML 6Page - IXYS Corporation IXTT76P10THV Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves The Right to Change Limits, Test Conditions, and Dimensions.
IXTT76P10THV IXTA76P10T
IXTP76P10T
IXTH76P10T
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note
1: Pulse test, t
 300s, duty cycle, d  2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = -10V, ID = 0.5 • ID25, Note 1
35
58
S
C
iss
13.7
nF
C
oss
V
GS = 0V, VDS = - 25V, f = 1MHz
890
pF
C
rss
275
pF
t
d(on)
25
ns
t
r
40
ns
t
d(off)
52
ns
t
f
20
ns
Q
g(on)
197
nC
Q
gs
V
GS = -10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
65
nC
Q
gd
65
nC
R
thJC
0.42
C/W
R
thCS
TO-220
0.50
C/W
TO-247
0.21
C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
- 76
A
I
SM
Repetitive, Pulse Width Limited by T
JM
- 304
A
V
SD
I
F = - 38A, VGS = 0V, Note 1
-1.3
V
t
rr
70
ns
Q
RM
215
nC
I
RM
- 6
A
Resistive Switching Times
V
GS = -10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 1 (External)
I
F = - 38A, -di/dt = -100A/s
V
R = - 50V, VGS = 0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com