Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT506 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HT506
Description  High Temperature Analog Multiplexers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT506 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HT506 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HT506 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT506 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT506 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HT506/HT507
2
www.honeywell.com
PACKAGE PINOUTS
ELECTRICAL CHARACTERISTICS (Split Supply)
Temperature range -55 to +225 C, typical @ +25 C, V+ = +5V, V- = -5V, GND=0V, VIL=0.8, VIH = 2.4V, unless otherwise specified
(1) Typical operating conditions: V+ = 5V, V- = -5V, TA= 25 C.
(2) Worst case operating conditions: V+ = +5V ±10%, V- = -5V ±10%, TA = -55 to 125 C.
Symbol
Parameters
Test Conditions
Typical
(1)
Worst Case
(2)
Units
MIN
MAX
Analog Switch
VANALOG
Analog Signal Range
-5
5
V
rDS(ON)
Drain-Source On-Resistance
VD ±5V, IS = -10mA Sequence
Each Switch On
100
400
Ω
∆rDS(ON)
rDS(ON) Matching between Channels
VD = ±5V
2
%
IS(OFF)
Source Off Leakage Current
VEN = 0V
0.01
200
nA
ID(OFF)
Drain Off Leakage Current
VD= ±5V, VEN = 0V, VS = ±5V
0.04
-2500
2500
nA
ID(ON)
Drain On Leakage Current
Sequence Each Switch On
0.04
-2500
2500
nA
Digital Control
VIH
Logic High Input Voltage
2.4
V
VIL
Logic Low Input Voltage
0.8
V
IIH
Logic High Input Current
VA = 2.4V, 10V
-1
1
µA
IIL
Logic Low Input Current
VEN = 0V, 2.4V, VA =0V
-1
1
µA
CIN
Logic Input Capacitance
f=1MHz
7
pF
Dynamic Characteristics
tON
Address/Enable Turn-On Time
trise/tfall<50ns
100
400
ns
tOFF
Address/Enable Turn-Off Time
trise/tfall<50ns
30
200
ns
Q
Charge Injection
CL=1nF, VS=0V, RS=0Ω
TBD
pC
OIS
Off Isolation
VEN =0V, RL=1kΩ, f=100kHZ
TBD
dB
Power Supplies
I+
Positive Supply Current
VEN = VA = 0V or 5V
50
250
µA
I-
Negative Supply Current
-0.01
-20
µA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com