Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT506 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # HT506
Description  High Temperature Analog Multiplexers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT506 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  HT506 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HT506 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT506 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT506 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HT506/HT507
www.honeywell.com
3
ELECTRICAL CHARACTERISTICS (Single Supply)
Temperature range -55 to +225 C, typical @ +25 C, V+ = +10V, GND=V- = 0V, VIL=0.8, VIH = 2.4V, unless otherwise specified
(1) Typical operating conditions: V+ = 10V, V- = GND =0V, TA= 25 C.
(2) Worst case operating conditions: V+ = +10V ±10%, V- = GND =0V, TA = -55 to 125 C.
TRUTH TABLE
– HT506
TRUTH TABLE
– HT507
A3
A2
A1
A0
EN
On Switch
A2
A1
A0
EN
On Switch
X
X
X
X
0
None
X
X
X
0
None
0
0
0
0
1
1
0
0
0
1
1
0
0
0
1
1
2
0
0
1
1
2
0
0
1
0
1
3
0
1
0
1
3
0
0
1
1
1
4
0
1
1
1
4
0
1
0
0
1
5
1
0
0
1
5
0
1
0
1
1
6
1
0
1
1
6
0
1
1
0
1
7
1
1
0
1
7
0
1
1
1
1
8
1
1
1
1
8
1
0
0
0
1
9
1
0
0
1
1
10
1
0
1
0
1
11
1
0
1
1
1
12
1
1
0
0
1
13
1
1
0
1
1
14
1
1
1
0
1
15
1
1
1
1
1
16
Symbol
Parameters
Test Conditions
Typical
(1)
Worst Case
(2)
Units
MIN
MAX
Analog Switch
VANALOG
Analog Signal Range
11
V
rDS(ON)
Drain-Source On-Resistance
VD = 3V, 10V, IS= 1mA
Sequence Each Switch On
80
400
Ω
∆rDS(ON)
rDS(ON) Matching between Channels
2
%
IS(OFF)
Source Off Leakage Current
VEN = 0V
0.01
200
nA
ID(OFF)
Drain Off Leakage Current
VS=0.5V or 10V
0.04
-2500
2500
nA
ID(ON)
Drain On Leakage Current
VS= VD = +10V
Sequence Each Switch On
0.04
-2500
2500
nA
Digital Control
VIH
Logic High Input Voltage
2.4
V
VIL
Logic Low Input Voltage
0.8
V
IIH
Logic High Input Current
VA = 2.4V, 10V
-1
1
µA
IIL
Logic Low Input Current
VEN = 0V, 2.4V, VA =0V
-1
1
µA
CIN
Logic Input Capacitance
f=1MHz
7
pF
Dynamic Characteristics
tON(EN)
Address/Enable Turn-On Time
trise/tfall<50ns
100
400
ns
tOFF(EN)
Address/Enable Turn-Off Time
30
200
Q
Charge Injection
CL=1nF, VS=6, RS=0
TBD
pC
Power Supplies
I+
Positive Supply Current
VEN = 0V or 5V, VA = 0V or 5V
50
250
µA
I-
Negative Supply Current
-0.01
-20
µA
Logic “0” = VAL ≤ 0.8V
Logic “1” = VAH ≥ 2.4V
X =Irrelevent



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com