Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT506 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HT506
Description  High Temperature Analog Multiplexers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT506 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HT506 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HT506 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT506 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT506 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Temperature Analog Multiplexers
16-Channel Single-Ended / 8-Channel Differential
HT506 / HT507
The High Temperature HT506/HT507 monolithic multiplexers consist of sixteen analog switches, 4-bit decode for channel
selection, reference for logic switching thresholds, and enable pin for device deactivation where applications require.
These multiplexers are fabricated with Honeywell’s dielectrically isolated latch-up free high temperature (HTMOS™) linear
process. Performance is specified over the full -55 to +225ºC temperature range. Typically, parts will operate up to
+300ºC for a year, with derated performance. All parts are burned in at 250ºC. The input buffers are designed to operate
from either TTL or CMOS levels while providing a break-before-make action. The HT506 switches one of the sixteen
single-ended inputs to a common output, while the HT507 switches one of the eight differential inputs to a differential
output. These parts are available in standard pinout 28-pin DIP Ceramic Packages.
Applications
 Down-Hole Oil, Gas, and Geothermal Well
 Avionics
 Turbine Engine Control
 Industrial Process Control
 Electric Power Conversion
 Heavy Duty Internal Combustion Engine
FEATURES AND BENEFITS
Specified over -55 to +225 C
Designed to continuously operate for at
least 5 years at 225 C
16:1 Single-Ended or 8:1 Differential
Configuration
Enable and address inputs compatible with TTL
and/or 5V CMOS logic
No latch-up
10V analog input/output range (±5V or 0 to 10V)
On resistance 400Ω at 225ºC
Split and single supply capability
Output leakage less than 2.5µA at 225ºC
Break-Before-Make Switching


Similar Part No. - HT506

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT506 ETC1-HT506 Datasheet
50Kb / 4P
HIGH TEMPERATURE ANALOG MULTIPLEXERS 16-CHANNEL SINGLE / 8-CHANNEL DUAL
HT506DB ETC1-HT506DB Datasheet
50Kb / 4P
HIGH TEMPERATURE ANALOG MULTIPLEXERS 16-CHANNEL SINGLE / 8-CHANNEL DUAL
HT506DC ETC1-HT506DC Datasheet
50Kb / 4P
HIGH TEMPERATURE ANALOG MULTIPLEXERS 16-CHANNEL SINGLE / 8-CHANNEL DUAL
More results

Similar Description - HT506

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT506 ETC1-HT506 Datasheet
50Kb / 4P
HIGH TEMPERATURE ANALOG MULTIPLEXERS 16-CHANNEL SINGLE / 8-CHANNEL DUAL
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
logo
Analog Devices
ADG608 AD-ADG608_15 Datasheet
166Kb / 12P
Performance Analog Multiplexers
REV. A
ADG658 AD-ADG658_15 Datasheet
399Kb / 20P
Analog Multiplexers
REV. C
ADG659 AD-ADG659_15 Datasheet
399Kb / 20P
Analog Multiplexers
REV. C
ADG726 AD-ADG726_15 Datasheet
262Kb / 12P
Analog Multiplexers
REV. 0
ADG732 AD-ADG732_15 Datasheet
262Kb / 12P
Analog Multiplexers
REV. 0
logo
ON Semiconductor
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com