Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1104 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HT1104
Description  High Temperature Quad Operational
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT1104 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HT1104 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HT1104
2
www.hightempsolutions.com
ABSOLUTE MAXIMUM RATINGS (1)
Symbol
Parameter
Rating
Units
Min
Max
VN to VP
Total Supply Voltage
13
V
VPIN
Voltage on Any Pin (excluding power pins)
VN - 0.5
VP + 0.5
V
IOUT
DC or Average Output Current (each output)
-50
+50
mA
IOS
Output Short Circuit Current (1 second)
110
mA
VHBM
ESD Input Protection Voltage (Human Body Model)
2000
V
ΘJC
Thermal Resistance (Jct-to-Case)
10
°C/W
TSTORE
Storage Temperature
-65
300
°C
TSOLDER
Lead Temperature (soldering, 10 seconds)
355
°C
TJ
Junction Temperature
315
°C
(1) Stresses in excess of those listed above may result in permanent damage. These are stress ratings only, and operation at
these levels is not implied. Frequent or extended exposure to absolute maximum conditions may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Units
VP
Positive Supply Voltage (Single supply)
5
10
V
VN
Negative Supply Voltage (Single supply)
0
V
VP
Positive Supply Voltage (Split supply)
+5
V
VN
Negative Supply Voltage (Split supply)
-5
V
IOUT
Continuous Output Current
-10
+10
mA
VPIN
Voltage on Any Pin (excluding power pins)
VN - 0.3
VP + 0.3
V
TC
Case Temperature
-55
225
°C
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, specifications apply over the Recommended Operating Conditions.
VP = +5V, VN=-5V.
Limits
Symbol
Parameter
Conditions
Min
Max
Unit
IP
Supply Current
12.5
mA
VO
Output Voltage Swing
R =10kΩ, C =20pF
-4.8
+4.6
V
ISOH
Output Short Circuit Current
High
Open Loop, VP>VN, Vo = 0V,
Absolute value
110
mA
ISOL
Output Short Circuit Current
Low
Open Loop, VN>VP, Vo = 0V,
Absolute value
110
mA
ISOURCE
Output Drive Current - source
Open Loop, VP>VN, Vo = 0V,
absolute value
10
mA
ISINK
Output Drive Current - sink
Open Loop, VN>VP, Vo = 0V,
absolute value
10
mA
IIO
Input Offset Current
-55°C to 25°C
+225°C
-10
-50
10
50
nA
nA
IIB
Input Bias Current
-55°C to 25°C
+225°C
-10
-50
10
50
nA
nA
VIO
Input Offset Voltage
-7
7
mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com