Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1104 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # HT1104
Description  High Temperature Quad Operational
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT1104 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  HT1104 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HT1104
www.hightempsolutions.com
3
Limits
Symbol
Parameter
Conditions
Min
Max
Unit
VCM
Input Common Mode Voltage
Range
25°C to +225°C,
-55°C
VN+0.2
VN+0.2
VP-2.2
VP-2.4
V
V
AVOL
DC Open Loop Gain
100
dB
CMRR
Common Mode Rejection
Ratio
80
dB
PSRR
Power Supply Rejection Ratio
66
dB
TYPICAL ELECTRICAL SPECIFICATIONS
The following specifications are not tested on each device and are for reference only.
Symbol
Parameter
Conditions
Typical
Units
VIO
Input Offset Voltage
Drift with Temperature
10
µV/°C
N
Noise
fo = 10 Hz
fo = 1 kHz
f = 0.1 to 10 Hz
200
30
8
nv/√Hz
nv/√Hz
µV, p-p
SR
Slew Rate
R = 10kΩ, C = 20pF, 25°C
1.4
V/µsec
UGB
Unity Gain Bandwidth
R = 10kΩ, C = 20pF, 25°C
1.4
MHz
ØM
Phase Margin
C = 20pF
60
degrees
AM
Gain Margin
C = 20pF
8
dB
SIMPLIFIED SCHEMATIC (each amplifier)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com