Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1104 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HT1104
Description  High Temperature Quad Operational
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT1104 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HT1104 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HT1104 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
High Temperature Quad Operational
Amplifier HT1104
The High Temperature Quad Operational Amplifier, HT1104, is a
versatile performer over an extremely wide temperature range.
It is
fabricated with Honeywell’s dielectrically isolated high-temperature linear
(HTMOS
™) process, and is designed specifically for use in systems
operating in severe high temperature environments.
These amplifiers perform over the full -55°C to 225°C temperature range.
All parts are burned in at 250°C.
The HT1104 will operate with both
single and split supplies. High temperature circuit applications such as
transducer interfacing, amplification, active filtering, and signal buffering are all possible with the HT1104.
APPLICATIONS:
PINOUT DIAGRAM
 Down-Hole Oil Well
 Turbine Engine Control
 Avionics
 Industrial Process Control
 Electric Power Conversion
 Heavy Duty Internal Combustion Engine
FEATURES
Specified Over -55°C to +225°C
ESD Protection Circuitry
Single or Split Supply Operation
Latch-up Free Design with Dielectric Isolation
Low Input Bias and Offset Parameters
Hermetic 14-Lead Ceramic DIP package
1
2
3
4
5
6
7
+
-
+
-
+
-
+
-
14
13
12
11
10
9
8
Top View
Out 4
- IN 4
+ In 4
VN
+ IN 3
- IN 3
Out 3
Out 1
- IN 1
+ In 1
VP
+ IN 2
- IN 2
Out 2
Top View


Similar Part No. - HT1104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT1104 ETC1-HT1104 Datasheet
302Kb / 8P
HIGH TEMPERATURE QUAD OPERATIONAL AMPLIFIER
HT1104DB ETC1-HT1104DB Datasheet
302Kb / 8P
HIGH TEMPERATURE QUAD OPERATIONAL AMPLIFIER
HT1104DC ETC1-HT1104DC Datasheet
302Kb / 8P
HIGH TEMPERATURE QUAD OPERATIONAL AMPLIFIER
HT1104Z ETC1-HT1104Z Datasheet
27Kb / 2P
HIGH TEMPERATURE QUAD ULTRALOW INPUT BIAS CURRENT OPERATIONAL AMPLIFIER
HT1104ZDB ETC1-HT1104ZDB Datasheet
27Kb / 2P
HIGH TEMPERATURE QUAD ULTRALOW INPUT BIAS CURRENT OPERATIONAL AMPLIFIER
More results

Similar Description - HT1104

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
Dec-1997
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N Datasheet
113Kb / 5P
High-Performance Quad Operational Amplifier
logo
Fairchild Semiconductor
RC4156 FAIRCHILD-RC4156 Datasheet
103Kb / 13P
High Performance Quad Operational Amplifiers
logo
List of Unclassifed Man...
HT1104 ETC1-HT1104 Datasheet
302Kb / 8P
HIGH TEMPERATURE QUAD OPERATIONAL AMPLIFIER
HT1104Z ETC1-HT1104Z Datasheet
27Kb / 2P
HIGH TEMPERATURE QUAD ULTRALOW INPUT BIAS CURRENT OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N_06 Datasheet
141Kb / 5P
High-Performance Quad Operational Amplifier
LA6324NJM SANYO-LA6324NJM Datasheet
187Kb / 5P
High-Performance Quad Operational Amplifier
LA6324N SANYO-LA6324N_12 Datasheet
110Kb / 5P
High-Performance Quad Operational Amplifier
logo
STMicroelectronics
LS404CN STMICROELECTRONICS-LS404CN Datasheet
265Kb / 11P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
Nov-2001
logo
Renesas Technology Corp
PC3403 RENESAS-PC3403_15 Datasheet
310Kb / 10P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com