Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX162244MTD.. Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74VCX162244MTD..
Description  Low Voltage 16-Bit Buffer/Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX162244MTD.. Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 74VCX162244MTD.. Datasheet HTML 2Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 3Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 4Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 5Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 6Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 7Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 8Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 9Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (2.7V < VCC £ 3.6V) (Continued)
Note 7: Outputs disabled or 3-STATE only.
AC Electrical Characteristics (Note 8)
Note 8: For CL 50 PF, add approximately 300 ps to the AC maximum specification.
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VOL
LOW Level Output Voltage
IOL 100 PA
2.7 - 3.6
0.2
V
IOL 6 mA
2.7
0.4
IOL 8 mA
3.0
0.55
IOL 12 mA
3.0
0.8
IOL 100 PA
2.7 - 3.6
0.2
IOL 6 mA
2.3
0.4
IOL 8 mA
2.3
0.6
IOL 100 PA
1.65 - 2.3
0.2
IOL 3 mA
1.65
0.3
IOL 100 PA
1.4 - 1.6
0.2
IOL 1 mA
1.4
0.35
IOL 100 PA
1.2
0.1
II
Input Leakage Current
0
d VI d 3.6V
1.2 - 3.6
r5.0
PA
IOZ
3-STATE Output Leakage
0
d VO d 3.6V
1.2 - 3.6
r10
PA
VI VIH or VIL
IOFF
Power-OFF Leakage Current
0
d (VI, VO) d 3.6V
0
10
PA
ICC
Quiescent Supply Current
VI VCC or GND
1.2 - 3.6
20
VCC d (VI, VO) d 3.6V (Note 7)
1.2 - 3.6
r20
PA
'ICC
Increase in ICC per Input
VIH VCC 0.6V
2.7 - 3.6
750
PA
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
Figure
(V)
Min
Max
Number
tPHL,
Propagation Delay
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.3
ns
Figures
1, 2
tPLH
2.5
r 0.2
1.0
3.8
1.8
r 0.15
1.5
7.6
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
15.2
Figures
5, 6
1.2
1.5
38
tPZL,
Output Enable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.8
ns
Figures
1, 3, 4
tPZH
2.5
r 0.2
1.0
5.1
1.8
r 0.15
1.5
9.8
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
19.6
Figures
5, 7, 8
1.2
1.5
49
tPLZ,
Output Disable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.6
ns
Figures
1, 3, 4
tPHZ
2.5
r 0.2
1.0
4.0
1.8
r 0.15
1.5
7.2
CL 15 pF, RL 2k:
1.5
r 0.1
1.0
14.4
Figures
5, 7, 8
1.2
1.5
36
tOSHL
Output to Output Skew
CL 30 pF, RL 500:
3.3
r 0.3
0.5
ns
tOSLH
(Note 9)
2.5
r 0.2
0.5
1.8
r 0.15
0.75
CL 15 pF, RL 2k:
1.5
r 0.1
1.5
1.2
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com