Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX162244MTD.. Datasheet(PDF) 7 Page - ON Semiconductor

Part # 74VCX162244MTD..
Description  Low Voltage 16-Bit Buffer/Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX162244MTD.. Datasheet(HTML) 7 Page - ON Semiconductor

Back Button 74VCX162244MTD.. Datasheet HTML 3Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 4Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 5Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 6Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 7Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 8Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 9Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 10Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.fairchildsemi.com
6
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA 25qC
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL 30 pF, VIH VCC, VIL 0V
1.8
0.15
V
2.5
0.25
3.3
0.35
VOLV
Quiet Output Dynamic Valley VOL
CL 30 pF, VIH VCC, VIL 0V
1.8
0.15
V
2.5
0.25
3.3
0.35
VOHV
Quiet Output Dynamic Valley VOH
CL 30 pF, VIH VCC, VIL 0V
1.8
1.55
V
2.5
2.05
3.3
2.65
Symbol
Parameter
Conditions
TA 25qC
Units
Typical
CIN
Input Capacitance
VCC 1.8, 2.5V or 3.3V, VI 0V or VCC
6pF
COUT
Output Capacitance
VI 0V or VCC, VCC 1.8V, 2.5V or 3.3V
7
pF
CPD
Power Dissipation Capacitance
VI 0V or VCC, f 10 MHz, VCC 1.8V, 2.5V or 3.3V
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com