Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX162244MTD.. Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74VCX162244MTD..
Description  Low Voltage 16-Bit Buffer/Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX162244MTD.. Datasheet(HTML) 2 Page - ON Semiconductor

  74VCX162244MTD.. Datasheet HTML 1Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 2Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 3Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 4Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 5Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 6Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 7Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 8Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500040
www.fairchildsemi.com
August 1997
Revised June 2005
74VCX162244
Low Voltage 16-Bit Buffer/Line Driver
with 3.6V Tolerant Inputs and Outputs
and 26: Series Resistor in Outputs
General Description
The VCX162244 contains sixteen non-inverting buffers
with 3-STATE outputs to be employed as a memory and
address driver, clock driver, or bus oriented transmitter/
receiver. The device is nibble (4-bit) controlled. Each nibble
has separate 3-STATE control inputs which can be shorted
together for full 16-bit operation.
The 74VCX162244 is designed for low voltage (1.2V to
3.6V) VCC applications with I/O capability up to 3.6V. The
74VCX162244 is also designed with 26
: series resistors in
the outputs. This design reduces line noise in applications
such as memory address drivers, clock drivers, and bus
transceivers/transmitters.
The 74VCX162244 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing low CMOS power dissipation.
Features
■ 1.2V to 3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ 26
: series resistors in outputs
■ tPD
3.3 ns max for 3.0V to 3.6V VCC
■ Power-off high impedance inputs and outputs
■ Supports live insertion and withdrawal
■ Static Drive (IOH/IOL)
r12 mA @ 3.0V VCC
■ Latch-up performance exceeds 300 mA
■ ESD performance:
Human body model
! 2000V
Machine model
! 200V
■ Also packaged in plastic Fine-Pitch Ball Grid Array
(FBGA)
Note 1: To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; the minimum
value of the resistor is determined by the current-sourcing capability of the
driver.
Ordering Code:
Note 2: Ordering Code “G” indicates Trays.
Note 3: Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Order Number
Package Number
Package Description
74VCX162244G
(Note 2)(Note 3)
BGA54A
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
74VCX162244MTD
(Note 3)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
■ Uses proprietary noise/EMI reduction circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com