Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT802/RM-11 Datasheet(PDF) 1 Page - Hirose Electric

Part # HT802/RM-11
Description  Waterproof Circular Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT802/RM-11 Datasheet(HTML) 1 Page - Hirose Electric

  HT802/RM-11 Datasheet HTML 1Page - Hirose Electric HT802/RM-11 Datasheet HTML 2Page - Hirose Electric HT802/RM-11 Datasheet HTML 3Page - Hirose Electric HT802/RM-11 Datasheet HTML 4Page - Hirose Electric HT802/RM-11 Datasheet HTML 5Page - Hirose Electric HT802/RM-11 Datasheet HTML 6Page - Hirose Electric HT802/RM-11 Datasheet HTML 7Page - Hirose Electric HT802/RM-11 Datasheet HTML 8Page - Hirose Electric HT802/RM-11 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2018.8
⑤
Waterproof Circular Connectors
JR-W Series
Product Specifications
Ratings
Current rating
Shell size
No. of contacts
Current rating
13
3
10A
55A
16
7
10A
10
5A
21
10
10A
16
5A
25
4
30A
16
10A
24
5A
Ratings
Voltage rating
Shell size
No. of contacts
Voltage rating
13
3
100V AC, 140V DC
5
16
7
100V AC, 140V DC
10
21
10
100V AC, 140V DC
16
25
4
300V AC, 420V DC
16, 24
100V AC, 140V DC
Ratings
Operating
temperature
range
-25 to +85
℃
Storage
temperature
range
-10 to +60
℃
Features
1. Waterproof
The JR-W series is a rugged, water proof
connector series that is IP67 and IP68 rated
in the mated condition.
IP67: Left in water at a depth of 1m for 30 minutes
IP68: Left in water at a depth of 2m for 14 days
2. Corrosion resistance
The outer shell is plated to improve corrosion
resistance, allowing this connector to be used
in various environments.
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.
1


Similar Part No. - HT802/RM-11

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HT802/RM-11 HIROSE-HT802/RM-11 Datasheet
555Kb / 8P
Circular Connectors Conforming to JIS C 5432
More results

Similar Description - HT802/RM-11

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
Circular Connectors
logo
DDK Ltd.
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
Waterproof Circular Connectors
CE05 DDK-CE05 Datasheet
441Kb / 10P
Waterproof Circular Connectors Conforming to European Safety Standards
logo
Assmann Electronics Inc...
A-CR-04PMMP-LC-WP ASSMANN-A-CR-04PMMP-LC-WP Datasheet
48Kb / 1P
Waterproof Circular connector
logo
Hirose Electric
RM-W HIROSE-RM-W Datasheet
627Kb / 16P
General-purpose Multi-Contact Circular Waterproof Connectors
logo
Japan Aviation Electron...
JK06 JAE-JK06 Datasheet
781Kb / 10P
VG95234 Qualified Circular Waterproof Connector
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
Waterproof Circular Connectors
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
Waterproof Circular Connectors Conforming to European Safety Standards
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
WEBSP1303MXG-1-D DDK-WEBSP1303MXG-1-D Datasheet
301Kb / 8P
Waterproof Circular Connectors for Solder Terminations Meeting IP67
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com