Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT802/RM-11 Datasheet(PDF) 13 Page - Hirose Electric

Part # HT802/RM-11
Description  Waterproof Circular Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT802/RM-11 Datasheet(HTML) 13 Page - Hirose Electric

Back Button HT802/RM-11 Datasheet HTML 5Page - Hirose Electric HT802/RM-11 Datasheet HTML 6Page - Hirose Electric HT802/RM-11 Datasheet HTML 7Page - Hirose Electric HT802/RM-11 Datasheet HTML 8Page - Hirose Electric HT802/RM-11 Datasheet HTML 9Page - Hirose Electric HT802/RM-11 Datasheet HTML 10Page - Hirose Electric HT802/RM-11 Datasheet HTML 11Page - Hirose Electric HT802/RM-11 Datasheet HTML 12Page - Hirose Electric HT802/RM-11 Datasheet HTML 13Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Precautions
1. Switch off the power of the circuit before disconnecting or plugging-in the connectors.
2. Use connectors with socket contacts at the power side of the circuit.
3. Make sure that the coupling is in completely cocked position.
4. Use the connector as the combination of water-proof types.
5. This product series uses silver plated contacts. Silver reacts easily to exposure to sulfur gas so the below conditions may
cause tarnishing.
 ・Dusty environments
 ・Area with a high concentration area of gases such as sulfur dioxide gas, hydrogen sulfide gas, nitrogen dioxide gas
and so on.
Example; In close proximity to factory exhaust, automotive emissions, etc.
 ・Close to heaters, or in other areas marked by extreme temperature differences or high humidity.
 ・Close to rubber products includes rubber adhesives.
The Electrical connection is not affected by tarnishing on a silver surface due to the wiping effect of the contact pins.
Storage
Packing state; Packed in original packing or equivalent container
Temperature -10 to +60°C
Humidity
85% Max
(It is recommended that the product be stored in an area of normal level of temperature and humidity, and free of any
temperature fluctuation)
Please use this products within 6 months of delivery.
(After 6 month, please check the solderbility before use)
“Storage” means long-term storage of the unused products in sealed packaging, prior to assembly to PCB.
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 08/2018. Contents are subject to change without notice for the purpose of improvements.
2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®
2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®
13
JR-W Series
● Waterproof Circular Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com