Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT802/RM-11 Datasheet(PDF) 2 Page - Hirose Electric

Part # HT802/RM-11
Description  Waterproof Circular Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT802/RM-11 Datasheet(HTML) 2 Page - Hirose Electric

  HT802/RM-11 Datasheet HTML 1Page - Hirose Electric HT802/RM-11 Datasheet HTML 2Page - Hirose Electric HT802/RM-11 Datasheet HTML 3Page - Hirose Electric HT802/RM-11 Datasheet HTML 4Page - Hirose Electric HT802/RM-11 Datasheet HTML 5Page - Hirose Electric HT802/RM-11 Datasheet HTML 6Page - Hirose Electric HT802/RM-11 Datasheet HTML 7Page - Hirose Electric HT802/RM-11 Datasheet HTML 8Page - Hirose Electric HT802/RM-11 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Item
Specifications
Conditions
1. Contact resistance
5mø max.
JR16-10 contact crimping type : 10mø max.
Measured at DC 1A
2. Insulation
resistance
1,000Mø min.
JR25-4 contacts : 10,000Mø min.
Measured at DC 500V
3. Withstanding
voltage
No flashover or dielectric breakdown.
AC 1,000V for 1 minute
JR25-4 contacts : AC 3,000V for one minute
4. Vibration
resistance
No electrical discontinuity for 10µs or greater.
10 to 55Hz/cycle, amplitude : 0.75mm,
3 axis derections, 2 hours each.
5. Shock resistance
No electrical discontinuity for 10µs or greater.
Acceleration : 490m/s
2, duration : 11ms
6 directions, 3 times each.
6. Mating cycles
Contact resistance : 5mø max.
JR16-10 contact crimping type : 10mø max.
500 times
7. Temperaure cycle
Insulation resistance : 1,000Mø min.
JR25-4 contacts : 10,000Mø min.
-40ç : 30 minute ➝ Normal temperature : 10 to 15
minutes ➝ 100ç : 30 minutes
➝ Normal temperature : 10 to 15 minutes, left for 5
cycles
8. Moisture
resistance
Insulation resistance:
10Mø min. (at high humidity)
100Mø min. (when dry)
JR25-4 contacts:
100Mø min. (at high humidity)
1,000Mø min. (when dry)
Temperature : 40ç, relative humidity : 90 to 95%,
leave 96 hours
9. Waterproof
No water penetraction into the connector.
Mated connectors left in water at a depth of 1.8m for
48 hours.
Materials / Finish
Parts
Material
Finish
Remarks
Outer shell
Aluminium alloy, brass
Black chromium plating
――――
Insulator
Phenol resin, PPS resin
――――
UL94V-0
Contact
Copper alloy
Silver plating
――――
Waterproof packing
Nitrile rubber, silicone rubber
――――
――――
Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
Plug and receptacle
JR 13 WP A - 3P C (**)
qw
er
t y u
o
Cord clamp
JR 13 WCC A - 4 (**)
qw
e
r
i
o
q Model name : JR Series
w Shell size:Shell size is the outer shell diameter of the mating end of the plug.
e Shell type
WP : Waterproof plug
WR : Waterproof receptacle
WCC : Waterproof clamp
r Shell variation : Connectors are distinguished by A, B, or C if a shell variation is applied in the same form.
t Number of contacts.
y Contact form P : Male Contact
S : Female Contact
u Contact termination method None : Solder termination
C
: Crimp termination
i Applicable cable diameter
o Other specifications : A two-digit number is added to indicate other specifications.
2
JR-W Series
● Waterproof Circular Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com