Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT802/RM-12 Datasheet(PDF) 5 Page - Hirose Electric

Part # HT802/RM-12
Description  Waterproof Circular Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT802/RM-12 Datasheet(HTML) 5 Page - Hirose Electric

  HT802/RM-12 Datasheet HTML 1Page - Hirose Electric HT802/RM-12 Datasheet HTML 2Page - Hirose Electric HT802/RM-12 Datasheet HTML 3Page - Hirose Electric HT802/RM-12 Datasheet HTML 4Page - Hirose Electric HT802/RM-12 Datasheet HTML 5Page - Hirose Electric HT802/RM-12 Datasheet HTML 6Page - Hirose Electric HT802/RM-12 Datasheet HTML 7Page - Hirose Electric HT802/RM-12 Datasheet HTML 8Page - Hirose Electric HT802/RM-12 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HEX 27
M22×1
(Panel thickness : 1.5mm to 6mm)
Panel cutout dimensions
A
20
Ø22
+0.1
0
23
A
10.5
2
Panel cutout dimensions
(Panel thickness : 6.5mm max)
Width across flats : 32mm
M28×1
M30×1
Ø28.2
+0.2
 0
23
A
10.5
2
Width across flats : 32mm
M28×1
M30×1
φ28.2
+0.2
 0
Panel cutout dimensions
(Panel thickness : 6.5mm max)
Part No.
HRS No.
No. of
contacts
A
JR16WRA-7P(31)
114-2143-0 31
7
26.6
JR16WRA-10P(31)
114-2096-1 31
10
26.1
JR16WRA-10S(31)
114-2145-5 31
27
Part No.
HRS No.
No. of
contacts
A
JRC25WRG-16P(31)
114-1032-3 31
16
26.8
JRC25WRG-24P(31)
114-1033-6 31
24
26.1
JRC25WRG-16S(31)
114-1043-0 31
16
27.8
JRC25WRG-24S(31)
114-1044-2 31
24
26.5
Part No.
HRS No.
No. of
contacts
A
Remarks
JR25WRHA-4P
114-1136-9
428
JR25WRHA-4S
114-1135-6
Note 1 :
: Denotes waterproof gaskets with a silicone rubber specification
(Representative example)
(Representative example)
(Representative example)
Soldering type
Receptacle (Front nut-tightening type)
Receptacle (Rear nut-tightening type)
Receptacle (Rear nut-tightening type with hex nut)
JR16WRA-7P(31)
JRC25WRG-16P(31)
JR25WRHA-4P
5
JR-W Series
● Waterproof Circular Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com