Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT802/RM-12 Datasheet(PDF) 12 Page - Hirose Electric

Part # HT802/RM-12
Description  Waterproof Circular Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT802/RM-12 Datasheet(HTML) 12 Page - Hirose Electric

Back Button HT802/RM-12 Datasheet HTML 5Page - Hirose Electric HT802/RM-12 Datasheet HTML 6Page - Hirose Electric HT802/RM-12 Datasheet HTML 7Page - Hirose Electric HT802/RM-12 Datasheet HTML 8Page - Hirose Electric HT802/RM-12 Datasheet HTML 9Page - Hirose Electric HT802/RM-12 Datasheet HTML 10Page - Hirose Electric HT802/RM-12 Datasheet HTML 11Page - Hirose Electric HT802/RM-12 Datasheet HTML 12Page - Hirose Electric HT802/RM-12 Datasheet HTML 13Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Contact position arrangement
Shell size
13, 16
13
16
No. of contacts
3
5
7
10
Withstand voltage
1,000V AC for 1 minute
Current capacity
10A
5A
10A
5A
Insulation resistance
1,000Mø MIN.
Contact resistance
5mø MAX.
5mø MAX.
Solderpot inner diameter
1.7mm dia.
1.1mm dia.
1.7mm dia.
1.1mm dia.
Shell size
21
21
No. of contacts
10
16
Withstand voltage
1,000V AC for 1 minute
Current capacity
10A
5A
Insulation resistance
1,000Mø MIN.
Contact resistance
5mø MAX.
Solderpot inner diameter
1.7mm dia.
1.1mm dia.
Shell size
25
25
No. of contacts
4
16
24
Withstand voltage
3,000V AC for 1 minute
1,000V AC for 1 minute
Current capacity
30A
10A
5A
Insulation resistance
10,000Mø MIN.
1,000Mø MIN.
Contact resistance
5mø MAX.
5mø MAX.
Solderpot inner diameter
3.4mm dia.
1.7mm dia.
1.1mm dia.
Remarks 1. Figures are views of contact arrays of the mating end of male connectors.
2. The withstand voltage indicates the test voltage value.
12
JR-W Series
● Waterproof Circular Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com