Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT802/RM-12 Datasheet(PDF) 10 Page - Hirose Electric

Part # HT802/RM-12
Description  Waterproof Circular Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT802/RM-12 Datasheet(HTML) 10 Page - Hirose Electric

Back Button HT802/RM-12 Datasheet HTML 5Page - Hirose Electric HT802/RM-12 Datasheet HTML 6Page - Hirose Electric HT802/RM-12 Datasheet HTML 7Page - Hirose Electric HT802/RM-12 Datasheet HTML 8Page - Hirose Electric HT802/RM-12 Datasheet HTML 9Page - Hirose Electric HT802/RM-12 Datasheet HTML 10Page - Hirose Electric HT802/RM-12 Datasheet HTML 11Page - Hirose Electric HT802/RM-12 Datasheet HTML 12Page - Hirose Electric HT802/RM-12 Datasheet HTML 13Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Crimp contacts
Contact diameter Ø1.0mm
Male contact
Type
Part No.
HRS No.
B
C
Applicable wire
Loose
contacts
JRC-PC2-112
114-0243-3
1.6
2.0
20 to 24 AWG
JRC-PC2-122
114-0244-6
1.45
1.5
24 to 28 AWG
Reel contacts
JRC-PC2-212
114-0245-9
1.6
2.0
20 to 24 AWG
JRC-PC2-222
114-0246-1
1.45
1.5
24 to 28 AWG
Female contact
Type
Part No.
HRS No.
B
C
Applicable wire
Loose
contacts
JRC-SC2-112
114-0247-4
1.6
2.0
20 to 24 AWG
JRC-SC2-122
114-0248-7
1.45
1.5
24 to 28 AWG
Reel contacts
JRC-SC2-212
114-0249-0
1.6
2.0
20 to 24 AWG
JRC-SC2-222
114-0250-9
1.45
1.5
24 to 28 AWG
Note : Loose contacts come in packages of 100 pcs.
Reel contacts come in reels of 8,000 pcs.
Contact diameter Ø1.6mm
Male contact
Type
Part No.
HRS No.
B
C
Applicable wire
Loose
contacts
JRC-PC-112
114-0239-6
2.3
2.9
16 to 20 AWG
Reel contacts JRC-PC-212
114-0240-5
Female contact
Type
Part No.
HRS No.
B
C
Applicable wire
Loose
contacts
JRC-SC-112
114-0241-8
2.3
2.9
16 to 20 AWG
Reel contacts JRC-SC-212
114-0242-0
Note : Loose contacts come in packages of 100 pcs.
Reel contacts come in reels of 5,000 pcs.
Tools
Contact dia.
Type
Item
Part No.
HRS No.
Applicable contact
Applicable wire
Ø1
Manual
Manual crimping tool
HT802 / RM-11
150-0401-6
JRC-PC2-112
JRC-SC2-112
20 to 24 AWG
HT802 / RM-12
150-0402-9
JRC-PC2-122
JRC-SC2-122
24 to 28 AWG
Automatic
Automatic crimping
machine body
CM-105C
901-0001-0
–––––
–––––
Applicator
AP105-JRC2-1
901-2037-1
JRC-PC2-212
JRC-SC2-212
20 to 24 AWG
AP105-JRC2-2
901-2038-4
JRC-PC2-222
JRC-SC2-222
24 to 28 AWG
Extractor
RM-TP
150-0008-7
–––––
–––––
Ø1.6
Manual
Manual crimping tool
JRC-TC-11
150-0033-4
JRC-PC-112
JRC-SC-112
16 AWG
JRC-TC-12
150-0034-7
JRC-PC-112
JRC-SC-112
18 to 20 AWG
Automatic
Automatic crimping
machine body
CM-105C
901-0001-0
–––––
–––––
Applicator
AP105-JRC-1
901-2039-7
JRC-PC-212
JRC-SC-212
16 to 20 AWG
Extractor
JRC-TP
150-0035-0
–––––
–––––
19.3
B
A
A
A−A
23.7
B
A
A
A−A
17
B
A
A
A−A
24
B
A
A
A−A
10
JR-W Series
● Waterproof Circular Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com