Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS1663
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS1663 Datasheet HTML 19Page - Texas Instruments TPS1663 Datasheet HTML 20Page - Texas Instruments TPS1663 Datasheet HTML 21Page - Texas Instruments TPS1663 Datasheet HTML 22Page - Texas Instruments TPS1663 Datasheet HTML 23Page - Texas Instruments TPS1663 Datasheet HTML 24Page - Texas Instruments TPS1663 Datasheet HTML 25Page - Texas Instruments TPS1663 Datasheet HTML 26Page - Texas Instruments TPS1663 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
23
TPS1663
www.ti.com
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
For all the applications, a 0.1 µF or higher value ceramic decoupling capacitor is recommended between IN
terminal and GND.
High current carrying power path connections must be as short as possible and must be sized to carry at
least twice the full-load current. See Figure 19 and Figure 20 for a typical PCB layout example.
Locate all the TPS1663x family support components R(ILIM), C(dVdT), R(IMON), UVLO, OVP resistors close to
their connection pin. Connect the other end of the component to the GND with shortest trace length.
The trace routing for the RILIM component to the device must be as short as possible to reduce parasitic
effects on the current limit and current monitoring accuracy. These traces must not have any coupling to
switching signals on the board.
Protection devices such as TVS, snubbers, capacitors, or diodes must be placed physically close to the
device they are intended to protect, and routed with short traces to reduce inductance. For example, a
protection Schottky diode is recommended to address negative transients due to switching of inductive loads,
and it must be physically close to the OUT and GND pins.
Thermal Considerations: When properly mounted, the PowerPAD package provides significantly greater
cooling ability. To operate at rated power, the PowerPAD must be soldered directly to the board GND plane
directly under the device. Other planes, such as the bottom side of the circuit board can be used to increase
heat sinking in higher current applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com