Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS1663
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663 Datasheet(HTML) 3 Page - Texas Instruments

  TPS1663 Datasheet HTML 1Page - Texas Instruments TPS1663 Datasheet HTML 2Page - Texas Instruments TPS1663 Datasheet HTML 3Page - Texas Instruments TPS1663 Datasheet HTML 4Page - Texas Instruments TPS1663 Datasheet HTML 5Page - Texas Instruments TPS1663 Datasheet HTML 6Page - Texas Instruments TPS1663 Datasheet HTML 7Page - Texas Instruments TPS1663 Datasheet HTML 8Page - Texas Instruments TPS1663 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3RZHU3$'Œ
1
2
3
4
5
6
7
8
10
9
16
15
14
13
12
11
OVP
IN
P_IN
IN
SHDN
OUT
OUT
GND
ILIM
dVdT
PGOOD
MODE
IN
UVLO
IMON
FLT
OUT
20
19
18
17
N.C
N.C
N.C
PowerPad
TM
1
2
IN
5
IN
3
4
P_IN
6
UVLO
18
15
17
16
14
13
PGOOD
OUT
IMON
FLT
OUT
N.C
N.C
N.C
PowerPad
TM
1
2
IN
5
IN
3
4
P_IN
6
UVLO
18
15
17
16
14
13
PGOOD
OUT
IMON
FLT
OUT
N.C
N.C
N.C
3
TPS1663
www.ti.com
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
OVERVOLTAGE PROTECTION
ADJUSTABLE OUTPUT POWER LIMITING
TPS16630
Overvoltage cut-off, adjustable
No
TPS16632
Overvoltage clamp, fixed (40 V)
Yes
6 Pin Configuration and Functions
TPS16630 RGE Package
24-Pin VQFN
Top View
TPS16630 PWP Package
20-Pin HTSSOP
Top View
TPS16632 RGE Package
24-Pin VQFN
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com