Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS1663
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663 Datasheet(HTML) 1 Page - Texas Instruments

  TPS1663 Datasheet HTML 1Page - Texas Instruments TPS1663 Datasheet HTML 2Page - Texas Instruments TPS1663 Datasheet HTML 3Page - Texas Instruments TPS1663 Datasheet HTML 4Page - Texas Instruments TPS1663 Datasheet HTML 5Page - Texas Instruments TPS1663 Datasheet HTML 6Page - Texas Instruments TPS1663 Datasheet HTML 7Page - Texas Instruments TPS1663 Datasheet HTML 8Page - Texas Instruments TPS1663 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TPS16630
31
PŸ
IN
OUT
dVdT
ILIM
P_IN
RILIM
FLT
GND
SHDN
UVLO
OVP
MODE
IMON
RIMON
PGOOD
Protected supply
To Load
4.5 V
± 60 V
Load Monitor
ON/OFF Control
R2
R3
R1
COUT
CdVdT
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TPS1663
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
TPS1663x 60-V, 6-A Power Limiting eFuse
1
1 Features
1
•
4.5 V to 60 V Operating Voltage, 62-V Absolute
Maximum
•
Integrated 60-V Hot-Swap FET with 31-mΩ RON
•
0.6 A to 6 A Adjustable Current Limit (± 8%
accuracy at 6 A)
•
Low Quiescent Current, 22- µA in Shutdown
•
Variant with Adjustable Output Power Limiting
(TPS16632 only)
•
Adjustable UVLO, OVP Cut Off, Output Slew Rate
Control for Inrush Current Limiting
•
Power Up in Thermal Regulation (dVdT = Open)
Enables Charging of Large and Unknown
Capacitive Loads
•
Fixed 40-V Overvoltage Clamp (TPS16632 only)
•
Power Good Output (PGOOD)
•
Selectable Over Current Fault Response Options
Between Auto-Retry and Latch Off (MODE)
•
Analog Current Monitor (IMON) Output
•
UL 2367 Recognition Pending
•
Available in Easy-to-Use 24- Pin VQFN and 20-
Pin HTSSOP Packages
2 Applications
•
Factory Automation and Control – PLC, DCS,
HMI, I/O Modules, Sensor Hubs
•
Motor Drives – CNC, Encoder Supply
•
Electronic Circuit Breakers
•
Telecom Radios
•
Industrial Printers
3 Description
The TPS1663x is an easy to use, positive 60 V, 6 A
eFuse with a 31 mΩ integrated FET. Protection for
the load, source and eFuse itself are provided along
with
adjustable
features
such
as
overcurrent
protection, output slew rate control, overvoltage
protection and undervoltage lockout. The TPS16630
device features an adjustable over voltage cut-off
functionality whereas the TPS16632 features a fixed
a 40 V output voltage clamp. The TPS16332 device
integrates adjustable output power limiting (PLIM)
functionality that simplifies and enables compliance to
standards such as IEC61010-1. The device also
includes
adjustable
over
current
functionality.
PGOOD can be used for enable and disable control
of the downstream DC-DC converters.
A shutdown pin provides external control for enabling
and disabling the internal FET as well as placing the
device in a low current shutdown mode. For system
status monitoring and downstream load control, the
device provides fault and a precise current monitor
output. The MODE pin allows flexibility to configure
the device between the two current-limiting fault
responses (latch off and auto-retry).
The devices are available in a 4-mm × 4-mm 24-pin
VQFN as well as a 6.5-mm x 4.4-mm 20-pin
HTSSOP package and are specified over a –40°C to
+125°C temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS16630
TPS16632
VQFN (24)
4.00 mm × 4.00 mm
TPS16630
HTSSOP (20)
6.50 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Output Power Limiting Performance of TPS16632


Similar Part No. - TPS1663

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1663 TI1-TPS1663 Datasheet
3Mb / 42P
60-V, 6-A eFuse with adjustable output power limiting
TPS1663 TI1-TPS1663 Datasheet
3Mb / 43P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
TPS1663 TI1-TPS1663 Datasheet
3Mb / 43P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
TPS1663 TI1-TPS1663 Datasheet
4Mb / 46P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
FEBRUARY 2023
TPS1663 TI2-TPS1663 Datasheet
4Mb / 46P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
REVISED FEBRUARY 2023
More results

Similar Description - TPS1663

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2663 TI1-TPS2663 Datasheet
2Mb / 39P
60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS1663 TI1-TPS1663_19 Datasheet
3Mb / 42P
60-V, 6-A eFuse with adjustable output power limiting
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
60-V, 6-A Power limiting, surge protection industrial eFuse
TPS2663 TI1-TPS2663_V02 Datasheet
4Mb / 53P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS1663 TI1-TPS1663_V02 Datasheet
3Mb / 43P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
TPS2663 TI1-TPS2663_V03 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663_V04 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663_V05 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663_V06 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663_V08 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com