Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V385GLF Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # V385GLF
Description  8-BIT LVDS TRANSMITTER FOR VIDEO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V385GLF Datasheet(HTML) 4 Page - Integrated Circuit Systems

  V385GLF Datasheet HTML 1Page - Integrated Circuit Systems V385GLF Datasheet HTML 2Page - Integrated Circuit Systems V385GLF Datasheet HTML 3Page - Integrated Circuit Systems V385GLF Datasheet HTML 4Page - Integrated Circuit Systems V385GLF Datasheet HTML 5Page - Integrated Circuit Systems V385GLF Datasheet HTML 6Page - Integrated Circuit Systems V385GLF Datasheet HTML 7Page - Integrated Circuit Systems V385GLF Datasheet HTML 8Page - Integrated Circuit Systems V385GLF Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
8-BIT LVDS TRANSMITTER FOR VIDEO
V385
V385 Datasheet
4
3/30/05
Revision 1.6
Integrated Circuit Systems • 525 Race St reet, San Jose, CA 95 126 • tel (408) 297-1201 • w w w. icst.com
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the V385. These ratings, which are
standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the device at
these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
Electrical Characteristics
VDD=3.3 V ±10%, Ambient temperature 0 to +70
°C
Item
Rating
Supply Voltage, VDD
-0.3 V to +4 V
All Inputs and Outputs
-0.3 V to VCC+0.3 V
Electrostatic Discharge (EIAJ, 0
Ω, 200 pF)
> 500 V
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
150
°C
Maximum Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
°C
Power Supply Voltage (measured in respect to GND)
3.0
3.3
3.6
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Freq.
CMOS/TTL DC Specifications
Input High Voltage
VIH
2.00
VCC
V
Input Low Voltage
VIL
GND
0.80
V
Input Current
IIN
GND<VIN<VCC
±10
µA
Power-down Current
IPD
No switching for input pins
10
µA
LVDS DC Specifications
Differential Output Voltage
VOD
RL = 100 ohms
250
345
450
mV
Change in VOD Between
Complimentary Output States
∆V
OD
35
mV
Common Mode Voltage
VCM
1.125
1.250
1.375
V
Change in VCM Between
Complimentary Output States
∆V
CM
35
mV
Output Short Circuit Current
IOS
VOD=0V
3.5
5
mA
Output Tri-State Current
IOZ
Power Down#=0V
±1
±10
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com