Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V385GLF Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # V385GLF
Description  8-BIT LVDS TRANSMITTER FOR VIDEO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V385GLF Datasheet(HTML) 1 Page - Integrated Circuit Systems

  V385GLF Datasheet HTML 1Page - Integrated Circuit Systems V385GLF Datasheet HTML 2Page - Integrated Circuit Systems V385GLF Datasheet HTML 3Page - Integrated Circuit Systems V385GLF Datasheet HTML 4Page - Integrated Circuit Systems V385GLF Datasheet HTML 5Page - Integrated Circuit Systems V385GLF Datasheet HTML 6Page - Integrated Circuit Systems V385GLF Datasheet HTML 7Page - Integrated Circuit Systems V385GLF Datasheet HTML 8Page - Integrated Circuit Systems V385GLF Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
V385
V385 Datasheet
1
3/30/05
Revision 1.6
Integrated Circuit Systems • 525 Race St reet, San Jose, CA 95 126 • tel (408) 297-1201 • w w w. icst.com
8-BIT LVDS TRANSMITTER FOR VIDEO
General Description
The V385 transmitter converts 28 bits of 3.3 V
CMOS/TTL into 4 Low Voltage Differential Signaling
(LVDS) data streams while the transmit clock input is
transmitted in parallel with the data streams over a fifth
LVDS link. The V385 can be programmed for rising
edge or falling edge clocks through pin R_FB.
ICS manufactures a large variety of video application
devices. Consult ICS for all of your video application
requirements.
Pin Assignment
Features
• Pin and function compatible with the National
DS90C385, TI SN65LVDS93 and THine
THC63LVDM83
• Convert 28 bits of 3.3 V CMOS/TTL into 4 LVDS
streams
• Up to 2.38 Gbps throughput or 297.5 Megabytes/sec
bandwidth
• Wide clock frequency range from 20 MHz to 85 MHz
• Spread spectrum compatible
• Supports VGA, SVGA, XGA, and SXGA
• LVDS voltage swing of 350 mV for low EMI
• On-chip PLL requires no external components
• Single 3.3 V low-power CMOS design
• Programmable rising or falling edge strobe
• Power-down control function
• Compatible with TIA/EIA-644 LVDS standards
• Packaged in a 56-pin TSSOP (Pb free available)
Block Diagram
12
1
11
2
10
VCC
3
9
TxIN5
4
5
6
7
8
16
15
14
13
56-pin TSSOP
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
TxIN6
TxIN7
TxIN8
TxIN9
TxIN10
GND
VCC
TxIN11
TxIN12
TxIN13
GND
TxIN14
TxIN15
TxIN16
R_FB
TxIN17
TxIN18
TxIN19
GND
TxIN20
TxIN21
TxIN22
TxIN23
TxIN24
TxIN25
VCC
GND
TxIN26
PWRDWN
PLL_GND
PLL_GND
PLL_VCC
LVDS_GND
LVDS_GND
LVDS_GND
LVDS_VCC
TxOUT3+
TxOUT3-
TxCLKOUT+
TxCLKOUT-
TxOUT2+
TxOUT2-
TxCLKIN
TxOUT1+
TxOUT1-
TxOUT0+
TxOUT0-
TxIN27
TxIN0
TxIN1
GND
TxIN2
TxIN3
TxIN4
TTL to
LVDS
TxOUT0+
PLL
TxOUT0-
TxOUT1+
TxOUT1-
TxOUT2+
TxOUT2-
TxOUT3+
TxOUT3-
TxCLKOUT+
TxCLKOUT-
24
Red, Green, Blue
CLOCK
PWRDWN
R_FB
CONTROL
DATA ENABLE
VSYNC
HSYNC


Similar Part No. - V385GLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
V385A ICST-V385A Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V385A RENESAS-V385A Datasheet
413Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
2019
logo
Integrated Circuit Syst...
V385AGLF ICST-V385AGLF Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V385AGLF RENESAS-V385AGLF Datasheet
413Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
2019
logo
Integrated Circuit Syst...
V385AGLFT ICST-V385AGLFT Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
More results

Similar Description - V385GLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
V104 ICST-V104 Datasheet
205Kb / 11P
10 BIT LVDS RECEIVER FOR VIDEO
Revision 1.6
V386 ICST-V386 Datasheet
243Kb / 10P
8-BIT LVDS RECEIVER FOR VIDEO
Revision 2.0
V385A ICST-V385A Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
V103 ICST-V103 Datasheet
150Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
Revision 2.0
V103A ICST-V103A Datasheet
148Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
logo
Rohm
BU7988KVT ROHM-BU7988KVT Datasheet
952Kb / 27P
56bit LVDS Transmitter 56:8 Serializer
logo
Integrated Device Techn...
IDTV105ADAG IDT-IDTV105ADAG Datasheet
324Kb / 19P
DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER
logo
Renesas Technology Corp
IDTVP386 RENESAS-IDTVP386 Datasheet
275Kb / 13P
8/28-BIT LVDS RECEIVER FOR VIDEO
2019
V103A RENESAS-V103A Datasheet
391Kb / 12P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
V385A RENESAS-V385A Datasheet
413Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com