Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V385GLF Datasheet (PDF) - Integrated Circuit Systems

V385GLF Datasheet PDF - Integrated Circuit Systems
Part # V385GLF
Download  V385GLF Download
File Size   158.04 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 8-BIT LVDS TRANSMITTER FOR VIDEO

V385GLF Datasheet (PDF)

Go To PDF Page Download Datasheet
V385GLF Datasheet PDF - Integrated Circuit Systems

Part # V385GLF
Download  V385GLF Click to download

File Size   158.04 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 8-BIT LVDS TRANSMITTER FOR VIDEO

V385GLF Datasheet (HTML) - Integrated Circuit Systems


V385GLF Product details

General Description
The V385 transmitter converts 28 bits of 3.3 V CMOS/TTL into 4 Low Voltage Differential Signaling (LVDS) data streams while the transmit clock input is transmitted in parallel with the data streams over a fifth LVDS link. The V385 can be programmed for rising edge or falling edge clocks through pin R_FB.
ICS manufactures a large variety of video application devices. Consult ICS for all of your video application requirements.

Features
• Pin and function compatible with the National
   DS90C385, TI SN65LVDS93 and THine THC63LVDM83
• Convert 28 bits of 3.3 V CMOS/TTL into 4 LVDS streams
• Up to 2.38 Gbps throughput or 297.5 Megabytes/sec bandwidth
• Wide clock frequency range from 20 MHz to 85 MHz
• Spread spectrum compatible
• Supports VGA, SVGA, XGA, and SXGA
• LVDS voltage swing of 350 mV for low EMI
• On-chip PLL requires no external components
• Single 3.3 V low-power CMOS design
• Programmable rising or falling edge strobe
• Power-down control function
• Compatible with TIA/EIA-644 LVDS standards
• Packaged in a 56-pin TSSOP (Pb free available)




Similar Part No. - V385GLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
V385A ICST-V385A Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V385A RENESAS-V385A Datasheet
413Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
2019
logo
Integrated Circuit Syst...
V385AGLF ICST-V385AGLF Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V385AGLF RENESAS-V385AGLF Datasheet
413Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
2019
logo
Integrated Circuit Syst...
V385AGLFT ICST-V385AGLFT Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
More results


Similar Description - V385GLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
V104 ICST-V104 Datasheet
205Kb / 11P
10 BIT LVDS RECEIVER FOR VIDEO
Revision 1.6
V386 ICST-V386 Datasheet
243Kb / 10P
8-BIT LVDS RECEIVER FOR VIDEO
Revision 2.0
V385A ICST-V385A Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
V103 ICST-V103 Datasheet
150Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
Revision 2.0
V103A ICST-V103A Datasheet
148Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
logo
Rohm
BU7988KVT ROHM-BU7988KVT Datasheet
952Kb / 27P
56bit LVDS Transmitter 56:8 Serializer
logo
Integrated Device Techn...
IDTV105ADAG IDT-IDTV105ADAG Datasheet
324Kb / 19P
DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER
logo
Renesas Technology Corp
IDTVP386 RENESAS-IDTVP386 Datasheet
275Kb / 13P
8/28-BIT LVDS RECEIVER FOR VIDEO
2019
V103A RENESAS-V103A Datasheet
391Kb / 12P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
V385A RENESAS-V385A Datasheet
413Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com