Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3010G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L3010G-S08-R
Description  1A HIGH POWER LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3010G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  L3010G-S08-R Datasheet HTML 1Page - Unisonic Technologies L3010G-S08-R Datasheet HTML 2Page - Unisonic Technologies L3010G-S08-R Datasheet HTML 3Page - Unisonic Technologies L3010G-S08-R Datasheet HTML 4Page - Unisonic Technologies L3010G-S08-R Datasheet HTML 5Page - Unisonic Technologies L3010G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
L3010
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R125-024.D
ABSOLUTE MAXIMUM RATING (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
43
V
Switch Voltage
VSW
-1~VIN+1
V
Comp Voltage
VCOMP
-0.3~6
V
SENSE Voltage
VSENSE
-0.3~VIN
V
Input Voltage
VIN
4.5~40
V
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40~+125
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (VIN=12V, IOUT=700Ma, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VIN
4.5
40
V
Operating Current
IIN
VCC=4/40V (Switch Off)
2.2
4
mA
Upper Switch Leakage
IL
VSW=40V
0
5
μA
Current Limit
ILIM
VIN=SENSE=12V
1.7
2.1
3
A
Maximum Duty Cycle
DMAX
3LED, VIN=9V
97
%
Oscillator Frequency
fOSC
250
280
360
kHz
COMP Clamp Voltage
VCOMP
Open without load
1.6
2
2.2
V
Pin7 VDD Voltage
VDD
IOUT=0mA
4.9
5.2
5.5
V
Switch Transistor on Resistance
RON
1LED, IOUT=1A
0.25
0.5
Ω
Sampling Voltage Threshold
VIN-VSENSE
Drop voltage between VIN and SENSE
88
mV
Thermal Shutdown Threshold
TSD
160
°C
Thermal Shutdown Hysteresis
TSD-hys
30
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com