Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3010G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L3010G-S08-R
Description  1A HIGH POWER LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3010G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L3010G-S08-R Datasheet HTML 1Page - Unisonic Technologies L3010G-S08-R Datasheet HTML 2Page - Unisonic Technologies L3010G-S08-R Datasheet HTML 3Page - Unisonic Technologies L3010G-S08-R Datasheet HTML 4Page - Unisonic Technologies L3010G-S08-R Datasheet HTML 5Page - Unisonic Technologies L3010G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L3010
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R125-024.D
1A HIGH POWER LED DRIVER
WITH 4.5~40V INPUT
DESCRIPTION
The UTC L3010 is a step-down PWM control LED driver with
a built-in power Switch. It achieves 1A continuous output current
in 4.5~40V input voltage range. It has high efficiency up to more
than 96%, with the excellent current accuracy within ±1%.
FEATURES
* 4.5~40V input voltage range
* Maximum 1A output current
* 0.25Ω built-in power MOSFET
* 280kHz fixed frequency
* Excellent constant current accuracy ±1%
* High efficiency up to 96%
* Thermal shutdown
* Cycle-by-cycle over current protection
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
L3010G-S08-R
SOP-8
Tape Reel
L3010G-S08-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) S08: SOP-8
(3) G: Halogen Free and Lead Free
(3)Green Package
MARKING


Similar Part No. - L3010G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L3010G-S08-R UTC-L3010G-S08-R Datasheet
154Kb / 5P
1A HIGH POWER LED DRIVER WITH 4.5~40V INPUT
More results

Similar Description - L3010G-S08-R

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD42524 SILAN-SD42524 Datasheet
693Kb / 11P
1A High Power LED Driver with 6~36V Input
logo
Unisonic Technologies
L3010 UTC-L3010 Datasheet
154Kb / 5P
1A HIGH POWER LED DRIVER WITH 4.5~40V INPUT
logo
Monolithic Power System...
MP2487 MPS-MP2487 Datasheet
207Kb / 13P
55V, 1A High Power LED Driver
MP4688 MPS-MP4688 Datasheet
477Kb / 11P
80V Input, 1A High Power LED Driver
MP4689 MPS-MP4689 Datasheet
422Kb / 10P
100V Input, 1A High Power LED Driver
logo
Unisonic Technologies
L3012 UTC-L3012 Datasheet
173Kb / 5P
1A HIGH POWER LED DRIVER WITH 4.5~40V INPUT
logo
Monolithic Power System...
MP4689A MPS-MP4689A Datasheet
697Kb / 10P
100V Input, 1A, High-Power LED Driver
EV4688DN-00A MPS-EV4688DN-00A Datasheet
152Kb / 3P
80V Input 1A High Power LED Driver
EV4689DN-00A MPS-EV4689DN-00A Datasheet
238Kb / 5P
100V Input 1A High Power LED Driver
logo
Shanghai Consonance Ele...
CN5710 CONSONANCE-CN5710 Datasheet
153Kb / 8P
1A High Brightness LED Driver IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com