Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3010G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L3010G-S08-R
Description  1A HIGH POWER LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3010G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L3010G-S08-R Datasheet HTML 1Page - Unisonic Technologies L3010G-S08-R Datasheet HTML 2Page - Unisonic Technologies L3010G-S08-R Datasheet HTML 3Page - Unisonic Technologies L3010G-S08-R Datasheet HTML 4Page - Unisonic Technologies L3010G-S08-R Datasheet HTML 5Page - Unisonic Technologies L3010G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
L3010
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R125-024.D
FUNCTION DESCRIPTION
The UTC L3010 is a current mode and fixed frequency (280kHz) LED driver.
1. Output current setting
The output current is determined by the sampling resistor (RS) and setting voltage (VIN-VSENSE a built-in fixed
88mV).
S
SENSE
IN
OUT
R
V
V
I
=88mV/Rs
2. Current limiting
UTC L3010 has internal current limiting function, and the voltage on COMP is clamped at about 2V, the output
current of the power MOSFET is limited at about 2.1A by current comparator.
COMPONENTS SELECTION
1. Input Capacitor Selection
This capacitor should be located close to the IC using short leads. The RMS current rating requirement for the
input capacitor of a buck regulator is approximately 1⁄2 the DC load current. A low ESR input capacitor sized for
maximum RMS current must be used. It is recommend use the MLCC capacitor of 10μF or larger.
2. Output Capacitance Selection
The output capacitor is required to filter the output reduce the ripple current of LED and provide regulator loop
stability. The important capacitor parameters are; The 100KHz Equivalent Series Resistance (ESR), the RMS ripples
current rating, voltage rating, and capacitance value. For the output capacitor, the ESR value is the most important
parameter. It is recommend use the MLCC capacitor of 2.2μF or larger.
3. Inductance Selection
For most designs, the operates with inductors of 47μH to 68μH. Where is inductor Ripple Current. Large value
inductors lower ripple current and small value inductors result in high ripple currents. The DC current rating of the
inductor should be at least equal to the maximum load current plus half the ripple current to prevent core saturation.
In order to improve the efficiency, the series-wound resistor (DCR) of inductance should be smaller than 0.2Ω.
The inductor value can be derived from the following equation:
OSC
L
IN
OUT
IN
OUT
f
I
V
)
V
V
(
V
L
Where: L: Inductance value
F: Oscillator frequency
∆I is ripple current
4. Diode Selection
UTC L3010 driver LED need a Schottky diode. If output current is 700mA or smaller then SS14 (D1N5819) is ok.
The average current through the diode is ID:
ID= (1-D)·ILED
ILED is the current of LED



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com