Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC4107L-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UC4107L-SH2-R
Description  TWO-STAGE HYSTERETIC LED DRIVER CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC4107L-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UC4107L-SH2-R Datasheet HTML 1Page - Unisonic Technologies UC4107L-SH2-R Datasheet HTML 2Page - Unisonic Technologies UC4107L-SH2-R Datasheet HTML 3Page - Unisonic Technologies UC4107L-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UC4107
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R125-055.b
PIN CONFIGURATION
1
2
3
4
8
7
6
5
GATE1
CS
OVP
GND
GATE2
CREG
VCC
ISN
1
2
3
4
8
7
6
5
GATE1
CS
OVP
GND
GATE2
CREG
VCC
ISN
GND
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
GATE1
Gate Driver Output for External MOSFET Switch in the First Stage.
2
CS
Current Sense Input for External MOSFET Switch.
3
OVP
Over Voltage Protection Sense Input.
4
GND
Ground.
5
ISN
LED Current Sense Amplifier Negative Input.
6
VCC
Supply Voltage Input. For good bypass, place a ceramic capacitor near the VCC pin.
7
CREG
Internal Regulator Output. Place an 1μF capacitor between the CREG and GND pins.
8
GATE2
Gate Driver Output for External MOSFET Switch in the Second Stage.
BLOCK DIAGRAM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com