Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC4107L-SH2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UC4107L-SH2-R
Description  TWO-STAGE HYSTERETIC LED DRIVER CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC4107L-SH2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UC4107L-SH2-R Datasheet HTML 1Page - Unisonic Technologies UC4107L-SH2-R Datasheet HTML 2Page - Unisonic Technologies UC4107L-SH2-R Datasheet HTML 3Page - Unisonic Technologies UC4107L-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UC4107
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R125-055.b
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage, VCC to GND
-0.3 ~ 45
V
CS, GATE1, GATE2, CREG, OVP to GND
-0.3 ~ 6
V
VCC To ISN
VISN
-1 ~ 3
V
Power Dissipation, @ TA=25°C
PD
0.53
W
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage
VCC
4.5 ~ +40
V
Junction Temperature Range
TJ
-40 ~ +125
°C
Ambient Temperature Range
TA
-40 ~ +85
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
188
°С/W
ELECTRICAL CHARACTERISTICS
(VCC=10V, No Load, CLOAD=1nF, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
CREG UVLO_ON
VUVOL_ON CS/OVP=0V
4
4.3
4.6
V
CREG UVLO_OFF
VUVOL_OFF CS/OVP=0V
4.2
V
VCC Shutdown Current
ISHDN
Before Start-Up, VCC=3.5V
10
μA
VCC Quiescent Current
IQ
After Start-Up, VCC=5V, GATE1 and
GATE2 Stand Still
1.5
mA
Internal Reference Voltage
VCREG
5
V
Internal Reference Voltage
ICREG=20mA
4.9
V
CS Threshold Voltage
VCS
215
240
265
mV
CS Pin Leakage Current
ICS
1
μA
OVP High Level
VOVP_H
1.71
1.9
2.09
V
OVP Low Level
VOVP_L
1.44
1.6
1.76
V
OVP Pin Leakage Current
IOVP
1
μA
GATE1 Duty Off-Time
1.5
μs
UGATE1 Drive Sink
RUGATE1sk Sink=50mA
2
LGATE1 Drive Source
RLGATE1sr Source=−50mA
1.25
GATE1 Default Pull Down Resistor
90
kΩ
ISN Threshold
VISN
123.5 130 136.5
mV
ISN Hysteresis
∆VISN
10
15
20
%
ISN Pin Leakage Current
IISN
1
μA
UGATE2 Drive Sink
RUGATE2sk Sink=50mA
2
LGATE2 Drive Source
RLGATE2sr Source=−50mA
1.25
GATE2 Default Pull Down Resistor
90
kΩ
Thermal Shutdown Temperature
TSD
140
155
170
°C
Thermal Shutdown Hysteresis
∆TSD
35
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com