Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC4107L-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UC4107L-SH2-R
Description  TWO-STAGE HYSTERETIC LED DRIVER CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC4107L-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UC4107L-SH2-R Datasheet HTML 1Page - Unisonic Technologies UC4107L-SH2-R Datasheet HTML 2Page - Unisonic Technologies UC4107L-SH2-R Datasheet HTML 3Page - Unisonic Technologies UC4107L-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UC4107
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R125-055.b
TYPICAL APPLICATION CIRCUIT
OVP
GATE1
CS
GND
GATE2
CREG
ISN
VCC
L1
22μH
R4
R5
M1
R6
120m
LED+
LED-
D6
COUT
RSENSE
280m
L2
120μH
D7
M2
C3
4.7μF
CIN
1μF
VL
VN
D1
D2
D3
D4
C6
4.7μF
AC
12V
UTC
UC4107
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com