Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4562M Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE4562M
Description  N & P-Channel 60-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4562M Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE4562M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACE4562M
N & P-Channel 60-V (D-S) MOSFET
VER 1.1
2
Packaging Type
SOP-8
Ordering information
ACE4562M XX + H
Electrical Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Gate Source Threshold Voltage
VGS(th)
VDS=VGS, ID=250uA
(Nch)
1
V
VDS=VGS, ID=-250uA (Pch)
-1
Gate Body Leakage
IGSS
VDS=0V, VGS=±20V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS=48V, VGS=0V
(Nch)
1
uA
VDS=-48V, VGS=0V
(Pch)
-1
On-State Drain-Current
a
ID(on)
VDS=5V, VGS=10V
(Nch)
9.5
A
VDS=-5V, VGS=-10V
(Pch)
-8
Static Drain-Source On-Resistance
a
rDS(ON)
VGS=10V,ID=4.8A
(Nch)
27
m
Ω
VGS=4.5V,ID=3.8A
(Nch)
33
VGS=-10V,ID=-2.6A
(Pch)
40
VGS=-4.5V,ID=-2.1A
(Pch)
50
Forward Transconductance
a
gfS
VDS=15V,ID=6A
(Nch)
6
S
VDS=-15V,ID=-3.3A
(Pch)
4
Diode Forward Voltage
a
VSD
IS=1.4A ,VGS=0V
(Nch)
0.74
V
IS=-1.25A ,VGS=0V
(Pch)
-0.79
Pb - free
Halogen - free
FM:SOP-8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com