Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4562M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4562M
Description  N & P-Channel 60-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4562M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4562M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE4562M
N & P-Channel 60-V (D-S) MOSFET
VER 1.1
1
Description
The ACE4562M is the N & P-Channel 60-V (D-S) MOSFET power field effect transistors are produced
using high cell density, DMOS trench technology. This high density process is especially tailored to
minimize on-state resistance and provide superior switching performance.
These devices are particularly suited for low voltage applications such as notebook computer power
management and other battery powered circuits where high-side switching, low in-line power loss, and
resistance to transients are needed.
Features
Low rDS(on) trench technology
Low thermal impedance
Fast switching speed
Applications
DC/DC Conversion Circuits
Motor Drives
Absolute Maximum Ratings
Parameter
Symbol
Nch Limit
Pch Limit Units
Drain-Source Voltage
VDS
60
-60
V
Gate-Source Voltage
VGS
±20
±20
V
Continuous Drain Current
a
TA=25
OC
ID
7.5
-4.2
A
TA=70
OC
5.9
-3.3
Pulse Drain Current
b
IDM
20
-20
Continuous Drain Current (Diode Continuous)
a
IS
2.8
-2.5
A
Power Dissipation
a
TA=25
OC
PD
2.1
2.1
W
TA=70
OC
1.3
1.3
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to 150
OC
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
t≦10sec
RθJA
62.5
OC /W
Steady State
110
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature
PRODUCT SUMMARY
VDS (V)
r
DS(on) (mΩ)
ID (A)
60
27 @ V
GS = 10V
7.2
33 @ V
GS = 4.5V
6.5
-60
40 @ V
GS = -10V
5.9
50 @ V
GS = -4.5V
5.3


Similar Part No. - ACE4562M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE45677D ACE-ACE45677D Datasheet
455Kb / 5P
Standalone 1A Linear Lithium Battery Charger With Thermal Regulation
VER 1.1
ACE45677DBFM+H ACE-ACE45677DBFM+H Datasheet
455Kb / 5P
Standalone 1A Linear Lithium Battery Charger With Thermal Regulation
VER 1.1
ACE45677DFM+H ACE-ACE45677DFM+H Datasheet
455Kb / 5P
Standalone 1A Linear Lithium Battery Charger With Thermal Regulation
VER 1.1
More results

Similar Description - ACE4562M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4559ADY VISHAY-SI4559ADY_09 Datasheet
275Kb / 15P
N- and P-Channel 60-V (D-S) MOSFET
09-Mar-09
logo
Analog Power
AM3560C ANALOGPOWER-AM3560C Datasheet
497Kb / 7P
N & P-Channel 60-V (D-S) MOSFET
AM4560C ANALOGPOWER-AM4560C Datasheet
477Kb / 7P
N & P-Channel 60-V (D-S) MOSFET
AM4599C ANALOGPOWER-AM4599C Datasheet
494Kb / 7P
N & P-Channel 60-V (D-S) MOSFET
AM4562C ANALOGPOWER-AM4562C Datasheet
404Kb / 7P
N & P-Channel 60-V (D-S) MOSFET
AM7560C ANALOGPOWER-AM7560C Datasheet
376Kb / 7P
N & P-Channel 60-V (D-S) MOSFET
AMD560C ANALOGPOWER-AMD560C Datasheet
389Kb / 7P
N & P-Channel 60-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SSG4543C VBSEMI-SSG4543C Datasheet
2Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
STM8455 VBSEMI-STM8455 Datasheet
2Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
STM8458 VBSEMI-STM8458 Datasheet
2Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com