Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4562M Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE4562M
Description  N & P-Channel 60-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4562M Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE4562M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4562M Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACE4562M
N & P-Channel 60-V (D-S) MOSFET
VER 1.1
3
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Dynamic
b
Total Gate Charge
Qg
N-Channel
VDS=30V, VGS=4.5V,
ID=6A
8.9
nC
Gate-Source Charge
Qgs
2.5
Gate-Drain Charge
Qgd
3.7
Turn-On Delay Time
td(on)
N-Channel
VDS=30V, RL=5Ω
ID=6A ,VGEN=10V
RGEN=6Ω
5
ns
Rise Time
tf
6
Turn-Off Delay Time
td(off)
31
Fall Time
tf
9
Input Capacitance
Ciss
N-Channel
VDS=15V, VGS=0V
f=1MHz
1422
pF
Output Capacitance
Coss
84
Reverse Transfer Capacitance
Crss
79
Total Gate Charge
Qg
P-Channel
VDS=-30V, VGS=-4.5V,
ID=-3.3A
18
nC
Gate-Source Charge
Qgs
7.5
Gate-Drain Charge
Qgd
5.6
Turn-On Delay Time
td(on)
P-Channel
VDS=-30V ,RL=9.1Ω
ID=-3.3A ,VGEN=-10V
RGEN=6Ω,
12
ns
Rise Time
tf
9
Turn-Off Delay Time
td(off)
69
Fall Time
tf
25
Input Capacitance
Ciss
P-Channel
VDS=-15V, VGS=0V
f=1MHz
2057
pF
Output Capacitance
Coss
151
Reverse Transfer Capacitance
Crss
92



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com