Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5293 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5293
Description  Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5293 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5293 Datasheet HTML 9Page - Analog Devices AD5293 Datasheet HTML 10Page - Analog Devices AD5293 Datasheet HTML 11Page - Analog Devices AD5293 Datasheet HTML 12Page - Analog Devices AD5293 Datasheet HTML 13Page - Analog Devices AD5293 Datasheet HTML 14Page - Analog Devices AD5293 Datasheet HTML 15Page - Analog Devices AD5293 Datasheet HTML 16Page - Analog Devices AD5293 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD5293
Rev. E | Page 13 of 24
0.8
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
+25°C
–40°C
+105°C
RAB = 20kΩ
Figure 18. INL in Normal Mode vs. Code vs. Temperature
0.10
–0.20
–0.15
–0.10
–0.05
0
0.05
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
+25°C
–40°C
+105°C
RAB = 20kΩ
Figure 19. DNL in Normal Mode vs. Code vs. Temperature
450
400
350
300
250
200
150
100
50
0
–50
TEMPERATURE (°C)
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90 100
ILOGIC
VDD/VSS = ±15V
VLOGIC = +5V
IDD
ISS
Figure 20. Supply Current vs. Temperature
0.8
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
20kΩ
50kΩ
100kΩ
TEMPERATURE = 25°C
Figure 21. INL in Normal Mode vs. Code vs. Nominal Resistance
0.08
–0.16
–0.12
–0.08
–0.04
0
0.04
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
20kΩ
50kΩ
100kΩ
TEMPERATURE = 25°C
Figure 22. DNL in Normal Mode vs. Code vs. Nominal Resistance
0.20
0.18
0.16
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
DIGITAL INPUT VOLTAGE (V)
VDD = ±15V
Figure 23. Supply Current, ILOGIC, vs. Digital Input Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com