Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5293 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5293
Description  Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5293 Datasheet(HTML) 2 Page - Analog Devices

  AD5293 Datasheet HTML 1Page - Analog Devices AD5293 Datasheet HTML 2Page - Analog Devices AD5293 Datasheet HTML 3Page - Analog Devices AD5293 Datasheet HTML 4Page - Analog Devices AD5293 Datasheet HTML 5Page - Analog Devices AD5293 Datasheet HTML 6Page - Analog Devices AD5293 Datasheet HTML 7Page - Analog Devices AD5293 Datasheet HTML 8Page - Analog Devices AD5293 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5293
Data Sheet
Rev. E | Page 2 of 24
TABLE OF CONTENTS
Features ...............................................................................................1
Applications........................................................................................1
Functional Block Diagram ...............................................................1
General Description..........................................................................1
Revision History ................................................................................2
Specifications......................................................................................3
Electrical Characteristics—20 kΩ Versions...............................3
Resistor Performance Mode Code Range—20 kΩ Versions ...4
Electrical Characteristics—50 kΩ and 100 kΩ Versions..........5
Resistor Performance Mode Code Range—50 kΩ and 100 kΩ
Versions...........................................................................................6
Interface Timing Specifications...................................................7
Timing Diagrams...........................................................................8
Absolute Maximum Ratings.............................................................9
Thermal Resistance .......................................................................9
ESD Caution...................................................................................9
Pin Configuration and Function Descriptions........................... 10
Typical Performance Characteristics ........................................... 11
Test Circuits..................................................................................... 17
Theory of Operation ...................................................................... 18
Serial Data Interface................................................................... 18
Shift Register ............................................................................... 18
RDAC Register............................................................................ 18
Write Protection ......................................................................... 18
Basic Operation .......................................................................... 18
Shutdown Mode.......................................................................... 18
Reset ............................................................................................. 19
Resistor Performance Mode...................................................... 19
SDO Pin and Daisy-Chain Operation..................................... 19
RDAC Architecture.................................................................... 20
Programming the Variable Resistor......................................... 20
Programming the Potentiometer Divider ............................... 21
EXT_CAP Capacitor.................................................................. 21
Terminal Voltage Operating Range.......................................... 21
Applications Information .............................................................. 22
High Voltage DAC...................................................................... 22
Programmable Voltage Source with Boosted Output............ 22
High Accuracy DAC .................................................................. 22
Variable Gain Instrumentation Amplifier............................... 22
Audio Volume Control .............................................................. 23
Outline Dimensions ....................................................................... 24
Ordering Guide........................................................................... 24
REVISION HISTORY
3/16—Rev. D to Rev. E
Changes to Figure 21 Caption and Figure 22 Caption .............. 13
3/11—Rev. C to Rev. D
Changes to Table 1, Endnote 2 ................................................................4
Changes to Table 3, Endnote 2........................................................ 6
9/10—Rev. B to Rev. C
Added CPOL = 0, CPHA = 1 to Figure 3 and Figure 4 Captions.....8
Changes to SDO Pin and Daisy-Chain Operation Section....... 19
3/10—Rev. A to Rev. B
Changes to Resistor Noise Density Conditions (Table 3) ........... 6
12/09—Rev. 0 to Rev. A
Added 50 kΩ and 100 kΩ Specifications.........................Universal
Changes to Features Section............................................................ 1
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 4
Added Table 3; Renumbered Sequentially .................................... 5
Added Table 4.................................................................................... 6
Changes to Table 5............................................................................ 7
Changes to Table 6 and Note 1, Table 7......................................... 9
Changes to Typical Performance Characteristics Section......... 11
Changes to Programming the Variable Resistor Section .......... 20
Changes to Programming the Potentiometer
Divider Section ............................................................................... 21
Changes to Ordering Guide Section ............................................ 24
4/09—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com