Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5293 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5293
Description  Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5293 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5293 Datasheet HTML 16Page - Analog Devices AD5293 Datasheet HTML 17Page - Analog Devices AD5293 Datasheet HTML 18Page - Analog Devices AD5293 Datasheet HTML 19Page - Analog Devices AD5293 Datasheet HTML 20Page - Analog Devices AD5293 Datasheet HTML 21Page - Analog Devices AD5293 Datasheet HTML 22Page - Analog Devices AD5293 Datasheet HTML 23Page - Analog Devices AD5293 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD5293
Data Sheet
Rev. E | Page 20 of 24
Table 13. Control Register Function
Register Name
Bit Name
Description
Control
C2
Calibration enable.
0 = resistor performance mode (default).
1 = normal mode.
C1
RDAC register write protect.
0 = locks the wiper position through the digital interface (default).
1 = allows update of wiper position through digital interface.
RDAC ARCHITECTURE
To achieve optimum performance, Analog Devices, Inc., has
patented the RDAC segmentation architecture for all the digital
potentiometers. In particular, the AD5293 employs a 3-stage
segmentation approach, as shown in Figure 46. The AD5293
wiper switch is designed with transmission gate CMOS topology
and with the gate voltage derived from VDD.
RW
SW
W
RW
10-BIT
ADDRESS
DECODER
A
RL
RL
RM
RM
B
RM
RM
RL
RL
Figure 46. Simplified RDAC Circuit
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation—1% Resistor Tolerance
The AD5293 operates in rheostat mode when only two terminals
are used as a variable resistor. The unused terminal can be left
floating or it can be tied to the W terminal, as shown in Figure 47.
W
A
B
W
A
B
W
A
B
Figure 47. Rheostat Mode Configuration
The nominal resistance between Terminal A and Terminal B,
RAB, is available in 20 kΩ, 50 kΩ, and 100 kΩ and has 1024 tap
points that are accessed by the wiper terminal. The 10-bit data
in the RDAC latch is decoded to select one of the 1024 possible
wiper settings. The AD5293 contains an internal ±1% resistor
tolerance calibration feature that can be enabled or disabled,
enabled by default by programming Bit C2 of the control
register (see Table 12 and Table 13).
The digitally programmed output resistance between the
W terminal and the A terminal, RWA, and the W terminal
and B terminal, RWB, is calibrated to give a maximum of ±1%
absolute resistance error over both the full supply and temperature
ranges. As a result, the general equation for determining the
digitally programmed output resistance between the W terminal
and B terminal is
AB
WB
R
D
D
R
1024
)
(
(1)
where:
D is the decimal equivalent of the binary code loaded in the
10-bit RDAC register.
RAB is the end-to-end resistance.
Similar to the mechanical potentiometer, the resistance of the RDAC
between the W terminal and the A terminal also produces a digitally
controlled complementary resistance, RWA. RWA is also calibrated
to give a maximum of 1% absolute resistance error. RWA starts at
the maximum resistance value and decreases as the data loaded
into the latch increases. The general equation for this operation is
AB
WA
R
D
D
R
1024
1024
)
(
(2)
where:
D is the decimal equivalent of the binary code loaded in the
10-bit RDAC register.
RAB is the end-to-end resistance.
In the zero-scale condition, a finite total wiper resistance of 120 Ω
is present. Regardless of the setting in which the part is operating,
care should be taken to limit the current between the A terminal to
B terminal, the W terminal to the A terminal, and the W terminal
to the B terminal to the maximum continuous current of ±3 mA or
to the pulse current specified in Table 6. Otherwise, degradation,
or possible destruction of the internal switch contact, can occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com