Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC535LP4 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC535LP4
Description  PHASE-LOCKED OSCILLATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC535LP4 Datasheet(HTML) 3 Page - Analog Devices

  HMC535LP4 Datasheet HTML 1Page - Analog Devices HMC535LP4 Datasheet HTML 2Page - Analog Devices HMC535LP4 Datasheet HTML 3Page - Analog Devices HMC535LP4 Datasheet HTML 4Page - Analog Devices HMC535LP4 Datasheet HTML 5Page - Analog Devices HMC535LP4 Datasheet HTML 6Page - Analog Devices HMC535LP4 Datasheet HTML 7Page - Analog Devices HMC535LP4 Datasheet HTML 8Page - Analog Devices HMC535LP4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 164
Frequency vs. Tuning Voltage, T = 25°C
Frequency vs. Tuning Voltage, Vcc1 = +5V
13.8
14.3
14.8
15.3
15.8
02468
10
12
Vcc= 4.75V
Vcc= 5.00V
Vcc= 5.25V
TUNING VOLTAGE (VOLTS)
13.8
14.3
14.8
15.3
15.8
02468
10
12
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
VCO Performance Plots
15 GHz Locked RF Signal
BW = 1 MHz, Ref. Frequency = 234 MHz
Reference Spurs @ 15 GHz
BW = 1 MHz, Ref. Frequency = 234 MHz
PLO Performance Plots
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
14.7
14.8
14.9
15
15.1
15.2
15.3
FREQUENCY (GHz)
234 MHz
Center = 15 GHz
Span = 600 MHz
Res. Bandwidth = 100 kHz
Video Bandwidth = 1 kHz
-75 dBc
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
14.975
14.985
14.995
15.005
15.015
15.025
FREQUENCY (GHz)
Center = 15 GHz
Span = 50 MHz
Res. Bandwidth = 300 kHz
Video Bandwidth = 300 kHz
-170
-150
-130
-110
-90
-70
-50
-30
-10
10
2
10
3
10
4
10
5
10
6
10
7
10
8
+25 C
+85 C
-40 C
OFFSET FREQUENCY (Hz)
Fref. = 234 MHz
RF = 15 GHz
Pref. = 5 dBm
Phase Noise Performance
HMC535LP4 / 535LP4E
v01.1009
PHASE-LOCKED OSCILLATOR,
14.7 - 15.4 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com