Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC535LP4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC535LP4
Description  PHASE-LOCKED OSCILLATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC535LP4 Datasheet(HTML) 1 Page - Analog Devices

  HMC535LP4 Datasheet HTML 1Page - Analog Devices HMC535LP4 Datasheet HTML 2Page - Analog Devices HMC535LP4 Datasheet HTML 3Page - Analog Devices HMC535LP4 Datasheet HTML 4Page - Analog Devices HMC535LP4 Datasheet HTML 5Page - Analog Devices HMC535LP4 Datasheet HTML 6Page - Analog Devices HMC535LP4 Datasheet HTML 7Page - Analog Devices HMC535LP4 Datasheet HTML 8Page - Analog Devices HMC535LP4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 162
HMC535LP4 / 535LP4E
PHASE-LOCKED OSCILLATOR,
14.7 - 15.4 GHz
v01.1009
General Description
Features
Functional Diagram
The HMC535LP4 & HMC535LP4E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC PLOs.
The PLO’s phase noise performance is excellent
over temperature, shock, and process due to the
oscillator’s monolithic structure. Power output is
+9 dBm typical from a +5V supply voltage. All fun-
ctions (VCO, Op-Amp, PFD, Prescaler) are fully
integrated while providing allowances for off-chip
customer specific loop components. The PLO MMIC
accepts a single-ended or a differential reference
oscillator input signal in the range of 230 to 240 MHz,
and a digital Lock Detector (LD) output is provided
to confirm the status of the loop. The phase-locked
oscillator is packaged in a leadless QFN 4 x 4 mm
surface mount package.
Pout: +9 dBm
Phase Noise: -110 dBc/Hz @100 KHz Typ.
Single Supply: +5V @ 340 mA
+12V @ 28 mA
24 Lead 4x4mm QFN Package: 9 mm2
Typical Applications
Phase-Locked Oscillator for:
• VSAT Radio
• Point-to-Point & Point-to-Multi-Point Radio
• Test Equipment & Industrial Controls
• Military End-Use
Electrical Specifications, T
A = +25° C
Parameter
Min.
Typ.
Max.
Units
Power Supplies:
VCO Voltage
VCO Current
Op-Amp Voltage
Op-Amp Current
Digital Voltage
Digital Current
Vcc1
Icc1
Vcc2
Icc2
Vcc3
Icc3
—
—
—
—
—
—
5
172
12
28
5
168
—
—
—
—
—
—
V
mA
V
mA
V
mA
PLO Characteristics:
RF Operating Freq.
RF Power
Reference Input Freq.
Reference Input Power
RF Phase Noise
Locking Time
Lock Detect Output
Locked
Unlocked
100 KHz offset
Loop BW = 1 MHz
14.7
6
229.69
0
—
—
—
0.7
—
9
—
5
-110
20
0.3
1.0
15.4
—
240.62
10
—
—
0.5
—
GHz
dBm
MHz
dBm
dBc/Hz
μs
V
ave
V
ave
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC535LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC535LP4 HITTITE-HMC535LP4 Datasheet
652Kb / 10P
PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz
HMC535LP4 HITTITE-HMC535LP4 Datasheet
431Kb / 10P
PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz
HMC535LP4E HITTITE-HMC535LP4E Datasheet
652Kb / 10P
PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz
HMC535LP4E HITTITE-HMC535LP4E Datasheet
431Kb / 10P
PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz
HMC535LP4 HITTITE-HMC535LP4_09 Datasheet
431Kb / 10P
PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz
More results

Similar Description - HMC535LP4

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
611212 SPECTRUM-611212 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611213 SPECTRUM-611213 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611215 SPECTRUM-611215 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611219 SPECTRUM-611219 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611230 SPECTRUM-611230 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611231 SPECTRUM-611231 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611233 SPECTRUM-611233 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611234 SPECTRUM-611234 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611236 SPECTRUM-611236 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611238 SPECTRUM-611238 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com