Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC535LP4 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC535LP4
Description  PHASE-LOCKED OSCILLATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC535LP4 Datasheet(HTML) 4 Page - Analog Devices

  HMC535LP4 Datasheet HTML 1Page - Analog Devices HMC535LP4 Datasheet HTML 2Page - Analog Devices HMC535LP4 Datasheet HTML 3Page - Analog Devices HMC535LP4 Datasheet HTML 4Page - Analog Devices HMC535LP4 Datasheet HTML 5Page - Analog Devices HMC535LP4 Datasheet HTML 6Page - Analog Devices HMC535LP4 Datasheet HTML 7Page - Analog Devices HMC535LP4 Datasheet HTML 8Page - Analog Devices HMC535LP4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 165
Output Power
vs. Tuning Voltage, Vcc1 = +5V
SSB Phase Noise @ Vtune = +5V
SSB Phase Noise vs. Tuning Voltage
Sensitivity vs. Tuning Voltage, Vcc1 = +5V
0
3
6
9
12
15
02468
10
12
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
0
100
200
300
400
500
600
02468
10
12
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
-160
-140
-120
-100
-80
-60
-40
-20
0
10
3
10
4
10
5
10
6
10
7
+25 C
+85 C
-40 C
OFFSET FREQUENCY (Hz)
-120
-110
-100
-90
-80
-70
-60
13
57
9
11
10 kHz offset
100 kHz offset
TUNING VOLTAGE (VOLTS)
Phase-Frequency Detector Performance Plots
SSB Phase Noise Performance
Pin = 0 dBm, T = 25°C
Error Voltage vs. Temperature
Pin = 0 dBm, Fin = 235 MHz
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
-p
-p/2
0
p/2
p
+25 C
+85 C
-40 C
PHASE DIFFERENCE (rad)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
2
10
3
10
4
10
5
10
6
OFFSET FREQUENCY (Hz)
VCO Performance Plots (continued)
HMC535LP4 / 535LP4E
v01.1009
PHASE-LOCKED OSCILLATOR,
14.7 - 15.4 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com