Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC699LP5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC699LP5
Description  7 GHz INTEGER N SYNTHESIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC699LP5 Datasheet(HTML) 3 Page - Analog Devices

  HMC699LP5 Datasheet HTML 1Page - Analog Devices HMC699LP5 Datasheet HTML 2Page - Analog Devices HMC699LP5 Datasheet HTML 3Page - Analog Devices HMC699LP5 Datasheet HTML 4Page - Analog Devices HMC699LP5 Datasheet HTML 5Page - Analog Devices HMC699LP5 Datasheet HTML 6Page - Analog Devices HMC699LP5 Datasheet HTML 7Page - Analog Devices HMC699LP5 Datasheet HTML 8Page - Analog Devices HMC699LP5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
6 - 3
Typical DC Characteristics @ Vcc = +5V
symbol
Characteristics
+25°C
Units
Min.
Typ.
Max.
Icc
Power supply
Current
310
345
380
mA
Voh
Output high
Voltage, (NU, ND)
5
5
5
V
Vol
Output Low
Voltage, (NU, ND)
2.9
3.0
3.1
V
Absolute Maximum Ratings
RF Input (Vcc = +5V)
+10 dBm
supply Voltage (Vcc)
+5.5V
Logic Inputs
-0.5V to (0.5V + Vcc)
Junction Temperature (Tc)
135 °C
Continuous Pdiss (T = 85 °C)
(derate 87 mW/°C above 85 °C)
4.3 W
Thermal Resistance
(Junction to ground paddle)
11.60 °C/W
storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Typical Supply Current vs. Vcc
Vcc (V)
Icc (mA)
4.75
318
5.00
345
5.25
369
Note: hMC669LP5(E) will work over full voltage range above.
ELECTROsTATIC sENsITIVE DEVICE
OBsERVE hANDLING PRECAUTIONs
HMC699LP5 / 699LP5E
v05.0110
7 GHz INTEGER N SYNTHESIZER
CONTINUOUS (N = 56 - 519), NON-CONTINUOUS (N = 16 - 54)
[1] Phase Noise Floor vs Offset Frequency over temperature
[2] Fin= 7000 Mhz @ 0 dBm, Ref Frequency = 100 Mhz, N = 70
[3] Phase Noise Floor remains constant beyond 100 khz offset frequency
Phase Noise Floor vs Offset Frequency
with varying Fin @ 0 dbm, Ref = 100 MHz
Square Wave @ 5 dBm, Vcc = 5V [3]
Phase Noise Floor [1][2][3]
Ref = Square Wave @ 5 dBm, Vcc = 5V
Phase Noise Floor [1][2][3]
Ref = Sine Wave @ 5 dBm, Vcc = 5V
-180
-170
-160
-150
-140
-130
-120
-110
-100
10
2
10
3
10
4
10
5
+25 C
+85 C
-40 C
OFFSET FREQUENCY (Hz)
-180
-170
-160
-150
-140
-130
-120
-110
-100
10
2
10
3
10
4
10
5
+25 C
+85 C
-40 C
OFFSET FREQUENCY (Hz)
-180
-170
-160
-150
-140
-130
-120
-110
-100
10
2
10
3
10
4
10
5
1600 MHz
7000 MHz
OFFSET FREQUENCY (Hz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com