Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC699LP5 Datasheet(PDF) 7 Page - Analog Devices

Part # HMC699LP5
Description  7 GHz INTEGER N SYNTHESIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC699LP5 Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC699LP5 Datasheet HTML 3Page - Analog Devices HMC699LP5 Datasheet HTML 4Page - Analog Devices HMC699LP5 Datasheet HTML 5Page - Analog Devices HMC699LP5 Datasheet HTML 6Page - Analog Devices HMC699LP5 Datasheet HTML 7Page - Analog Devices HMC699LP5 Datasheet HTML 8Page - Analog Devices HMC699LP5 Datasheet HTML 9Page - Analog Devices HMC699LP5 Datasheet HTML 10Page - Analog Devices HMC699LP5 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
6 - 7
HMC699LP5(E) Programming Truth Table, Continuous Division Ratios
HMC699LP5(E) Programming
Division
Ratio N
A Counter
Decimal set
swallow s
Decimal set
(LsB)
A0
A1
A2
A3
A4
A5
(LsB)
s0
s1
s2
56
6
0
0
1
1
0
0
0
0
0
0
57
6
1
0
1
1
0
0
0
1
0
0
58
6
2
0
1
1
0
0
0
0
1
0
59
6
3
0
1
1
0
0
0
1
1
0
60
6
4
0
1
1
0
0
0
0
0
1
61
6
5
0
1
1
0
0
0
0
0
1
62
6
6
0
1
1
0
0
0
0
1
1
63
6
7
0
1
1
0
0
0
1
1
1
64
7
0
1
1
1
0
0
0
0
0
0
65
7
1
1
1
1
0
0
0
1
0
0
66
7
2
1
1
1
0
0
0
0
1
0
67
7
3
1
1
1
0
0
0
1
1
0
HMC699LP5 / 699LP5E
v05.0110
7 GHz INTEGER N SYNTHESIZER
CONTINUOUS (N = 56 - 519), NON-CONTINUOUS (N = 16 - 54)
The decimal value of A counter and s counter can be defined as:
A = int (
) - 1
and
s = N - 8 (A + 1)
where
N = 16 to 519
For a valid division ratio N, the A counter and s counter must satisfy the condition: A +1 ≥ s
Therefore, N = 16 to 54 will result into non-continuous division ratio
and N = 56 to 519 will be continuous division ratio.
Example: Given a reference frequency, Fref = 11 Mhz, and VCO output frequency, Fvco = (198 to 297) Mhz, results
in N = 18 to 27. The decimal value of A counter and s counter for N = 18 will be:
A = int (
) - 1 = 1
and
s = 18 - 8 (1 + 1) = 2
since the calculated value of A and s satisfy the condition of A + 1 ≥ s, the N = 18 is usable division ratio.
The division ratio, N = 23, however, will result in A = 1 and s = 7. Under the condition A +1 ≥ s, the division ratio N =
23 is not usable.
In this example, the division ratio, N = 19 to 23 cannot be programmed and therefore, the frequency range of 209 Mhz
to 253 Mhz cannot be used.
N
8
18
8
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com