Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC699LP5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC699LP5
Description  7 GHz INTEGER N SYNTHESIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC699LP5 Datasheet(HTML) 1 Page - Analog Devices

  HMC699LP5 Datasheet HTML 1Page - Analog Devices HMC699LP5 Datasheet HTML 2Page - Analog Devices HMC699LP5 Datasheet HTML 3Page - Analog Devices HMC699LP5 Datasheet HTML 4Page - Analog Devices HMC699LP5 Datasheet HTML 5Page - Analog Devices HMC699LP5 Datasheet HTML 6Page - Analog Devices HMC699LP5 Datasheet HTML 7Page - Analog Devices HMC699LP5 Datasheet HTML 8Page - Analog Devices HMC699LP5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
6 - 1
General Description
Features
Functional Diagram
Typical Applications
7 GHz INTEGER N SYNTHESIZER
CONTINUOUS (N = 56 - 519), NON-CONTINUOUS (N = 16 - 54)
HMC699LP5 / 699LP5E
v05.0110
The hMC699LP5(E) is a frequency synthesizer with
a wideband reversible polarity digital PFD and lock
detect output. The divider operates from 160 - 7000
Mhz with a continuous integer division ratio N = 56
to 519 and non-continuous division ratio N = 16 to
54. The hMC699LP5(E) high frequency operation
along with ultra low phase noise floor make possible
synthesizers with wide loop bandwidth and low N
resulting in fast settling and very low phase noise.
When used in conjunction with a differential loop
filter, the hMC699LP5(E) can be used to phase
lock a VCO to a reference oscillator. For continuous
division ratio, the A counter and s counter must
satisfy the condition: A + 1 ≥ s.
Ultra Low ssB Phase Noise Floor:
-153 dBc/hz @ 10 khz offset @ 100 Mhz
Reference Frequency.
Programmable Divider (N = 16 - 519)
Operating up to 7 Ghz
Open Collector Output Buffer Amplifiers for
Interfacing w/ Op-Amp Based Loop Filter
Reversible Polarity PFD w/ Lock Detect Output
32 Lead 5x5mm sMT Package: 25mm2
Electrical Specifications, T
A = +25° C, Vcc = Vcc1 = Vcc2 = Vcc3 = Vcc_pd = 5V
The hMC699LP5(E) is ideal for:
• satellite Communication systems
• Point-to-Point Radios
• Military Applications
• sonet Clock Generation
Parameter
Conditions
Min.
Typ.
Max.
Units
Maximum Ref. Input Frequency
sine or square Wave Input [1]
1300
Mhz
Minimum Ref. Input Frequency
square Wave Input [2]
10
Mhz
Reference Input Power Range
100 Mhz Frequency
-5
+5
dBm
Maximum VCO Input Frequency
7000
Mhz
Minimum VCO Input Frequency
sine Wave Input
160
Mhz
VCO Input Power Range
100 Mhz Input Frequency
-10
+5
dBm
PFD Output Voltage
2000
mV, Pk - Pk
PFD Gain
Gain = Vpp / 2π Rad.
0.32
V/Rad.
ssB Phase Noise
@ 10 khz Offset @ 100 Mhz square Wave Ref. Input
Pin= 0 dBm
-153
dBc/hz
Total supply Current
345
mA
[1] Maximum frequencies may be limited by available counter division ratio.
[2] square wave input achieves best phase noise at lower reference frequency (see sine & square wave comparison plots)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC699LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC699LP5 HITTITE-HMC699LP5 Datasheet
1,010Kb / 12P
7 GHz INTEGER N SYNTHESIZER CONTINUOUS (N = 56 - 519), NON-CONTINUOUS (N = 16 - 54)
HMC699LP5 HITTITE-HMC699LP5 Datasheet
697Kb / 12P
7 GHz INTEGER N SYNTHESIZER
HMC699LP5E HITTITE-HMC699LP5E Datasheet
1,010Kb / 12P
7 GHz INTEGER N SYNTHESIZER CONTINUOUS (N = 56 - 519), NON-CONTINUOUS (N = 16 - 54)
HMC699LP5E HITTITE-HMC699LP5E Datasheet
697Kb / 12P
7 GHz INTEGER N SYNTHESIZER
HMC699LP5 HITTITE-HMC699LP5_10 Datasheet
1,010Kb / 12P
7 GHz INTEGER N SYNTHESIZER CONTINUOUS (N = 56 - 519), NON-CONTINUOUS (N = 16 - 54)
More results

Similar Description - HMC699LP5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Hittite Microwave Corpo...
HMC698LP5 HITTITE-HMC698LP5 Datasheet
699Kb / 12P
7 GHz INTEGER N SYNTHESIZER
HMC699LP5 HITTITE-HMC699LP5 Datasheet
697Kb / 12P
7 GHz INTEGER N SYNTHESIZER
HMC440QS16G HITTITE-HMC440QS16G_08 Datasheet
388Kb / 10P
2.8 GHz INTEGER-N SYNTHESIZER
HMC698LP5 HITTITE-HMC698LP5_10 Datasheet
1,002Kb / 12P
7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
HMC699LP5 HITTITE-HMC699LP5_10 Datasheet
1,010Kb / 12P
7 GHz INTEGER N SYNTHESIZER CONTINUOUS (N = 56 - 519), NON-CONTINUOUS (N = 16 - 54)
logo
Analog Devices
HMC440QS16G AD-HMC440QS16G Datasheet
593Kb / 10P
2.8 GHz INTEGER-N SYNTHESIZER
HMC698LP5 AD-HMC698LP5 Datasheet
995Kb / 12P
7 GHz INTEGER N SYNTHESIZER
HMC4069LP4E AD-HMC4069LP4E Datasheet
1Mb / 12P
2.9 GHz INTEGER-N SYNTHESIZER
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
1/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com