Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3302 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP3302
Description  QUASI-RESONANT PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3302 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP3302 Datasheet HTML 9Page - Diodes Incorporated AP3302 Datasheet HTML 10Page - Diodes Incorporated AP3302 Datasheet HTML 11Page - Diodes Incorporated AP3302 Datasheet HTML 12Page - Diodes Incorporated AP3302 Datasheet HTML 13Page - Diodes Incorporated AP3302 Datasheet HTML 14Page - Diodes Incorporated AP3302 Datasheet HTML 15Page - Diodes Incorporated AP3302 Datasheet HTML 16Page - Diodes Incorporated AP3302 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AP3302
Document number:DS38882 Rev. 4 - 2
13 of 17
www.diodes.com
March 2017
© Diodes Incorporated
AP3302
Operation Description (Cont.)
VAUX
VDEM
0V
Gate
tSAMPLE
Figure 6
Internal OTP Protection Function
The AP3302 integrates an internal temperature sensor. It has a trigger window of +150°C enter and +125°C exit. The internal OTP protection
mode is auto-recovery mode.
Other Protections: FOCP, SSCP, VCC OVP and Pin Fault
The AP3302 provides versatile protection to ensure the reliability of the power system. FOCP protection is an ultra fast short-current protection
which is helpful to avoid catastrophic damage of the system when the secondary rectifier is short. The primary peak current will be monitored by
SENSE pin through a primary sense resistor, whenever the sampled voltage reaches the threshold of VTH-FOCP for 6 switching cycles continuously,
the FOCP protection will be active to shut down the switching pulse. SSCP might be triggered at ultra low line voltage condition or other failure
condition that short the SENSE pin to ground. The SSCP module senses the voltage across the primary sense resistor with a delay of 3
s after
the rising edge of primary GATE signal, this sensed signal is compared with VTH-SSCP, if it is lower than VTH-SSCP for 6 switching cycles, the SSCP
protection will be triggered and the drive signal will be disabled. All these protections described above will restart the system when the VCC
voltage falls below UVLO.
The AP3302 also has pin fault connection protection including floating and short connection. The floating pin protection includes the SENSE, FB,
etc. The short pin protection includes the DEM pin short protection. When these pins are floated or DEM pin is shorted to ground, PWM switching
will be disabled, thus protecting the power system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com